Electronic Components Datasheet Search
  English  ▼

X  

SW6N60K Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW6N60K
Description  N-channel Enhanced mode TO-220FMOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW6N60K Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW6N60K Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW6N60K Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW6N60K Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW6N60K Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW6N60K Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW6N60K Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Oct. 2015. Rev. 2.0
1/6
SW6N60K
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDSS
Drain to source voltage
600
V
ID
Continuous drain current (@TC=25oC)
6*
A
Continuous drain current (@TC=100oC)
3.8*
A
IDM
Drain current pulsed
(note 1)
24
A
VGS
Gate to source voltage
±30
V
EAS
Single pulsed avalanche energy
(note 2)
120
mJ
EAR
Repetitive avalanche energy
(note 1)
10
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
PD
Total power dissipation (@TC=25oC)
24.5
W
Derating factor above 25oC
0.2
W/oC
TSTG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
TL
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
Rthjc
Thermal resistance, Junction to case
5.1
oC/W
Rthja
Thermal resistance, Junction to ambient
49.4
oC/W
*. Drain current is limited by junction temperature.
1. Gate 2. Drain 3. Source
TO-220F
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW F 6N60K
SW6N60K
TO-220F
TUBE
1
2
3
N-channel Enhanced mode TO-220F MOSFET
Features
 High ruggedness
 Low R
DS(ON) (Typ 0.72Ω)@VGS=10V
 Low Gate Charge (Typ 17nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application:Charge,LED
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
BV
DSS : 600V
I
D
: 6A
R
DS(ON)
: 0.72Ω
1
2
3


Similar Part No. - SW6N60K

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW6N60 SEMIPOWER-SW6N60 Datasheet
515Kb / 5P
N-channel MOSFET
SW6N60D SEMIPOWER-SW6N60D Datasheet
856Kb / 6P
N-channel Enhanced mode TO-220F/TO-252/TO-251N MOSFET
More results

Similar Description - SW6N60K

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW10N70D SEMIPOWER-SW10N70D Datasheet
659Kb / 6P
N-channel Enhanced mode TO-262 MOSFET
SW038R04VT SEMIPOWER-SW038R04VT Datasheet
568Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
SW2N65D SEMIPOWER-SW2N65D Datasheet
649Kb / 6P
N-channel Enhanced mode TO-220FMOSFET
SW5N65K SEMIPOWER-SW5N65K Datasheet
836Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
SW18N60D SEMIPOWER-SW18N60D Datasheet
651Kb / 6P
N-channel Enhanced mode TO-220F MOSFET
SW20N70K SEMIPOWER-SW20N70K Datasheet
703Kb / 1P
N-channel Enhanced mode TO-220FMOSFET
SW6N70A SEMIPOWER-SW6N70A Datasheet
593Kb / 6P
N-channel Enhanced mode TO-251MOSFET
SW6N70D SEMIPOWER-SW6N70D Datasheet
630Kb / 6P
N-channel Enhanced mode TO-220FMOSFET
SW8N65A1 SEMIPOWER-SW8N65A1 Datasheet
551Kb / 6P
N-channel Enhanced mode TO-220FMOSFET
SW13N65D SEMIPOWER-SW13N65D Datasheet
824Kb / 6P
N-channel Enhanced mode TO-220FMOSFET
Jan. 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com