Electronic Components Datasheet Search
  English  ▼

X  

DCH5 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # DCH5
Description  Overload and short circuit protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DCH5 Datasheet(HTML) 1 Page - Artesyn Technologies

  DCH5 Datasheet HTML 1Page - Artesyn Technologies DCH5 Datasheet HTML 2Page - Artesyn Technologies DCH5 Datasheet HTML 3Page - Artesyn Technologies DCH5 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
POWER
DCH5 Series
5 Watts
Total Power: 5 Watts
Input Voltage: 100 - 240 Vac
# of Outputs: Single
SPECIAL FEATURES
ƒ
USB Switching wallmount power
supply
ƒ
Universal AC input
ƒ
Available in various country AC plugs
ƒ
CE Mark EMC & LVD & ErP 2011
ƒ
Regulated output
ƒ
Overload and short circuit protection
ƒ
Constant voltage, constant current
ƒ
Energy Star Efficiency Level V
ƒ
Eup compliant
ƒ
Built in EMI filter (CISPR 22 Class B)
ƒ
Cable less with - USB-A receptacle
SAFETY
ƒ
UL + cUL 60950-1
ƒ
TUV
60950-1
ƒ
NEMKO
60950-1
ƒ
NSW
60950-1
ƒ
C-Tick
60950-1
ƒ
CE
EMC & LVD & ErP 2011 for
EU & UK versions
Electrical Specifications
Input
Input range:
100 - 240 Vac (wide range)
Frequency:
47 - 63 Hz
EMI/RFI:
FCC Part 15, Subpart B Class B & EN55022 (CISPR 22) Class B &
EMC
Safety ground
leakage current:
20 μA @ 60 Hz, 264 Vac input
Output
Voltage (Vo):
5 V (4.75 - 5.25 V)
Maximum Power (Po):
5 W
Hold-up time:
10 ms. typical at full load @ 115 Vac/60 Hz
Overvoltage protection:
7 V max. Latching type
Overload protection:
Output short circuit protection auto recover
Overload protected 110 - 150% above maximum rating
Output:
USB Type A receptacle
Connector Pinout:
Pin 1: +V, Pin 2 and Pin 3 connected together
Pin 4: Ground
Data Sheet
Environmental Specifications
Operating temperature:
0° to 40 °C ambient
Storage temperature:
-20 °C to +70 °C
Electromagnetic susceptibility: Designed to meet EN55082-1
Humidity:
Operating; non-condensing 20% to 90% RH
Vibration:
Per IEC 60068-2-6
DCH5-050US
DCH5-050EU
DCH5-050UK
DCH5-050AU


Similar Part No. - DCH5

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DCH5-050AU EMERSON-NETWORKPOWER-DCH5-050AU Datasheet
869Kb / 4P
Embedded Power for Business-Critical Continuity
logo
Artesyn Technologies
DCH5-050AU ARTESYN-DCH5-050AU Datasheet
1Mb / 4P
DCH5 Series 5 Watts
logo
Emerson Network Power
DCH5-050EU EMERSON-NETWORKPOWER-DCH5-050EU Datasheet
869Kb / 4P
Embedded Power for Business-Critical Continuity
logo
Artesyn Technologies
DCH5-050EU ARTESYN-DCH5-050EU Datasheet
1Mb / 4P
DCH5 Series 5 Watts
logo
Emerson Network Power
DCH5-050UK EMERSON-NETWORKPOWER-DCH5-050UK Datasheet
869Kb / 4P
Embedded Power for Business-Critical Continuity
More results

Similar Description - DCH5

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS426L1 SIEMENS-BTS426L1 Datasheet
163Kb / 13P
Smart Highside Power Switch (Overload protection Current limitation Short circuit protection)
logo
Infineon Technologies A...
TLE8209-4SA INFINEON-TLE8209-4SA Datasheet
703Kb / 38P
Short circuit and overtemperature protection
logo
Laird Tech Smart Techno...
POE-XXS-AFI LSTD-POE-XXS-AFI Datasheet
313Kb / 2P
Overload and short circuit protection
POE-55IG-ATI LSTD-POE-55IG-ATI Datasheet
443Kb / 2P
Overload and short-circuit protection
POE-XXI LSTD-POE-XXI Datasheet
738Kb / 2P
Overload and short circuit protection
POE-55I4SG-AFI LSTD-POE-55I4SG-AFI Datasheet
789Kb / 2P
Overload and short circuit protection
logo
STMicroelectronics
STEVAL-CCA002V1 STMICROELECTRONICS-STEVAL-CCA002V1 Datasheet
77Kb / 4P
Thermal and short-circuit protection
19-Dec-2007
logo
CUI INC
ETMA-200W-U CUI-ETMA-200W-U Datasheet
685Kb / 5P
over voltage, overload and short circuit protections
logo
PHOENIX CONTACT
2980539 PHOENIX-2980539 Datasheet
98Kb / 7P
Short-circuit, surge, and overload-proof output
2701215 PHOENIX-2701215 Datasheet
81Kb / 5P
Sensor supply with channel-specific integrated short-circuit and overload protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com