Electronic Components Datasheet Search
  English  ▼

X  

DCH5 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # DCH5
Description  Overload and short circuit protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DCH5 Datasheet(HTML) 2 Page - Artesyn Technologies

  DCH5 Datasheet HTML 1Page - Artesyn Technologies DCH5 Datasheet HTML 2Page - Artesyn Technologies DCH5 Datasheet HTML 3Page - Artesyn Technologies DCH5 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DCH5 Series Data Sheet
Ordering Information
Model Number
Maximum
Power
Output
Voltage
Minimum
Load
Maximum Load
Ripple
P/P (PARD)1
Connector
DCH5-050US
5 W
5 V
0
1 A
200 mV
USB-A
DCH5-050EU
5 W
5 V
0
1 A
200 mV
USB-A
DCH5-050UK
5 W
5 V
0
1 A
200 mV
USB-A
DCH5-050AU
5 W
5 V
0
1 A
200 mV
USB-A
1. Peak-to-peak with 20 mHz bandwidth and 10 μF (tantalum capacitor) in parallel with a 0.1 μF capacitor at rated line voltage and load ranges.
2. Output should not be grounded for EMI purpose.
Mechanical Drawing
1.4”
(35.55)
DCH5-050US
DCH5-050EU
1.4”
(35.55)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com