Electronic Components Datasheet Search
  English  ▼

X  

LGA80D Datasheet(PDF) 4 Page - Artesyn Technologies

Part # LGA80D
Description  Wide operating temperature range
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LGA80D Datasheet(HTML) 4 Page - Artesyn Technologies

  LGA80D Datasheet HTML 1Page - Artesyn Technologies LGA80D Datasheet HTML 2Page - Artesyn Technologies LGA80D Datasheet HTML 3Page - Artesyn Technologies LGA80D Datasheet HTML 4Page - Artesyn Technologies LGA80D Datasheet HTML 5Page - Artesyn Technologies LGA80D Datasheet HTML 6Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LGA80D Series Data Sheet
Vout & Address Settings
Vout Setting
RVtrim (kΩ)
Vout (V)
LOW
1
OPEN
1.2
HIGH
0.9
10
0.6
11
0.65
12.1
0.7
13.3
0.75
14.7
0.8
16.2
0.85
17.8
0.9
19.6
0.95
21.5
1
23.7
1.05
26.1
1.1
28.7
1.15
31.6
1.2
34.8
1.25
38.3
1.3
42.2
1.4
46.4
1.5
51.1
1.6
56.2
1.7
61.9
1.8
68.1
1.9
75
2
82.5
2.1
90.9
2.2
100
2.3
110
2.5
121
2.8
133
3
147
3.3
162
4
178
5
Address Setting
RADDR (kΩ)
SMbus ADDRESS
LOW
40h
OPEN
42h
10
41h
11
43h
12.1
44h
13.3
45h
14.7
46h
16.2
47h
17.8
48h
19.6
49h
21.5
4Ah
23.7
4Bh
26.1
4Ch
28.7
4Dh
31.6
4Eh
34.8
4Fh
42.2
51h
46.4
52h
51.1
53h
56.2
54h
61.9
55h
68.1
56h
75
57h
82.5
58h
90.9
59h
100
5Ah
110
5Bh
121
5Ch
133
5Dh
147
5Eh
162
5Fh
178
60h



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com