Electronic Components Datasheet Search
  English  ▼

X  

LGA80D Datasheet(PDF) 6 Page - Artesyn Technologies

Part # LGA80D
Description  Wide operating temperature range
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LGA80D Datasheet(HTML) 6 Page - Artesyn Technologies

  LGA80D Datasheet HTML 1Page - Artesyn Technologies LGA80D Datasheet HTML 2Page - Artesyn Technologies LGA80D Datasheet HTML 3Page - Artesyn Technologies LGA80D Datasheet HTML 4Page - Artesyn Technologies LGA80D Datasheet HTML 5Page - Artesyn Technologies LGA80D Datasheet HTML 6Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LGA80D Series Data Sheet
WORLDWIDE OFFICES
Americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
www.artesyn.com
Artesyn Embedded Technologies, Artesyn and the Artesyn Embedded Technologies logo are trademarks and
service marks of Artesyn Embedded Technologies, Inc. All other names and logos referred to are trade names,
trademarks, or registered trademarks of their respective owners. © 2016 Artesyn Embedded Technologies, Inc.
All rights reserved. For full legal terms and conditions, please visit www.artesyn.com/legal.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
2.30 (9X)
2.14
3.50
6.15
7.95
9.75
11.55
13.35
15.15
16.95
0.65 (2X)
0.35
3.25
6.50
9.75
13.00
15.65
17.40
19.15
20.90
22.65
18.75
20.55
21.50 (4X)
22.35
0.80 (19X)
LGA80D Series DS 22Nov2016
Mechanical Drawings
FOOTPRINT DRAWING OF METAL PINS
(BOTTOM VIEW)
Notes:
Dimensions are in millimeters and (inches)
Tolerance: X.X mm ±0.5 mm (X.XX in. ±0.02 in.)
X.XX mm ±0.25 mm (X.XXX in. ±0.010 in.)
TOP VIEW
SIDE VIEW
0.13
(0.005")



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com