Electronic Components Datasheet Search
  English  ▼

X  

LPQ350 Datasheet(PDF) 4 Page - Artesyn Technologies

Part # LPQ350
Description  Power fail and remote inhibit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPQ350 Datasheet(HTML) 4 Page - Artesyn Technologies

  LPQ350 Datasheet HTML 1Page - Artesyn Technologies LPQ350 Datasheet HTML 2Page - Artesyn Technologies LPQ350 Datasheet HTML 3Page - Artesyn Technologies LPQ350 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LPQ350 Series Data Sheet
WORLDWIDE OFFICES
americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
europe (uK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
While every precaution has been taken to ensure accuracy and completeness in this literature, Artesyn
Embedded Technologies assumes no responsibility, and disclaims all liability for damages resulting from use of
this information or for any errors or omissions. Artesyn Embedded Technologies, Artesyn and the Artesyn
Embedded Technologies logo are trademarks and service marks of Artesyn Embedded Technologies, Inc. All other
names and logos referred to are trade names, trademarks, or registered trademarks of their respective owners.
© 2014 Artesyn Embedded Technologies, Inc.
www.artesyn.com
LPQ350 Series-DS 07.25.14
Pin Assignments
SK1
PIN 1
Neutral
PIN 2
Line
PIN 3
Ground
SK2
PIN 1
+ 12/15V
PIN 2
Common
PIN 3
Common
PIN 4
- 12/15 V
PIN 5
3.3-25 V RET Float
PIN 6
3.3-25 V Float
SK3
PIN 1
+ Sense V 4
PIN 2
- Sense V 4
PIN 3
+Sense V 1
PIN 4
-Sense V 1
PIN 5
POK
PIN 6
C.Share
PIN 7
DC-OK
PIN 8
Inhibit (N.O.)
PIN 9
Inhibit (N.C.)
PIN 10
COM
SK4
PIN 1
+ Fan 1 (12V@150mA)
PIN 2
– Common
SK5
PIN 1
+ 5V aux (5V@100mA)
PIN 2
– Common
SK6
PIN 1
+ Fan 2 (12V@150mA)
PIN 2
– Common
Mating Connectors
SK3
Molex: 51191-1000
PINS: 50802-9101
SK4
Molex: 22-01-3027
PINS: 08-50-0114
SK5
Molex: 22-01-3027
PINS: 08-50-0114
SK6
Molex: 22-01-3027
PINS: 08-50-0114
Astec Connector Kit #70-841-011, includes all of the above.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com