Electronic Components Datasheet Search
  English  ▼

X  

LPQ350 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # LPQ350
Description  Power fail and remote inhibit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPQ350 Datasheet(HTML) 3 Page - Artesyn Technologies

  LPQ350 Datasheet HTML 1Page - Artesyn Technologies LPQ350 Datasheet HTML 2Page - Artesyn Technologies LPQ350 Datasheet HTML 3Page - Artesyn Technologies LPQ350 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LPQ350 Series Data Sheet
Mechanical Drawing
Notes:
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance ± .02”.
3. Specifications are at factory settings
4. To enable normally closed Remote Inhibit, cut Jumper J1.
5. Mounting maximum insertion depth is 0.12”.
6. Warranty: 2 year
7. Weight: 4 lb./1.8kg.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com