Electronic Components Datasheet Search
  English  ▼

X  

P3602Z Datasheet(PDF) 70 Page - Teccor Electronics

Part # P3602Z
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3602Z Datasheet(HTML) 70 Page - Teccor Electronics

Back Button P3602Z Datasheet HTML 66Page - Teccor Electronics P3602Z Datasheet HTML 67Page - Teccor Electronics P3602Z Datasheet HTML 68Page - Teccor Electronics P3602Z Datasheet HTML 69Page - Teccor Electronics P3602Z Datasheet HTML 70Page - Teccor Electronics P3602Z Datasheet HTML 71Page - Teccor Electronics P3602Z Datasheet HTML 72Page - Teccor Electronics P3602Z Datasheet HTML 73Page - Teccor Electronics P3602Z Datasheet HTML 74Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 212 page
background image
Battrax SLIC Protector
http://www.teccor.com
2 - 52
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Battrax SLIC Protector
This solid state protection device can be referenced to either a positive or negative voltage
source. The B1xx0C_ is for a -VREF and the B2050C_ is for a +VREF. Designed using an
SCR and a gate diode, the B1xx0C_ Battrax begins to conduct at |-VREF| + |-1.2 V| while the
B2050C_ Battrax begins to conduct at |+VREF|+|1.2 V|.
For a diagram of a Battrax application, see Figure 3.29.
* For individual “CA” and “CC” surge ratings, see table below.
General Notes:
• All measurements are made at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C temperature range.
• IPP is a repetitive surge rating and is guaranteed for the life of the product.
• IPP ratings assume VREF = ±48 V.
• VDRM is measured at IDRM.
• VS is measured at 100 V/µs.
• Off-state capacitance is measured at 1 MHz with a 2 V bias and is a typical value. “CC” product is approximately 2x the listed value.
• Positive Battrax information is preliminary data.
• VREF maximum value for the negative Battrax is -200 V.
• VREF maximum value for the positive Battrax is 110 V.
Pin 3
(-VREF)
Pin 1
(Line)
Pin 2
(Ground)
Gate
-Battrax
B1xx0C_
Pin 3
(+VREF)
Pin 2
(Ground)
Pin 1
(Line)
+Battrax
B2050C_
Electrical Parameters
Part
Number *
VDRM
Volts
VS
Volts
VT
Volts
IDRM
µAmps
IGT
mAmps
IT
Amps
IH
mAmps
CO
pF
B1100C_
|-VREF| + |-1.2 V|
|-VREF| + |-10 V|
4
5
100
1
100
50
B1160C_
|-VREF| + |-1.2 V|
|-VREF| + |-10 V|
4
5
100
1
160
50
B1200C_
|-VREF| + |-1.2 V|
|-VREF| + |-10 V|
4
5
100
1
200
50
B2050C_
|+VREF| + |1.2 V|
|+VREF| + |10 V|
4
5
50
1
5
50
Surge Ratings
Series
IPP
2x10 µs
Amps
IPP
8x20 µs
Amps
IPP
10x160 µs
Amps
IPP
10x560 µs
Amps
IPP
10x1000 µs
Amps
ITSM
60 Hz
Amps
di/dt
Amps/µs
A
150
150
90
60
50
40
500
C
500
400
200
150
100
50
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com