Electronic Components Datasheet Search
  English  ▼

X  

P3602Z Datasheet(PDF) 12 Page - Teccor Electronics

Part # P3602Z
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3602Z Datasheet(HTML) 12 Page - Teccor Electronics

Back Button P3602Z Datasheet HTML 8Page - Teccor Electronics P3602Z Datasheet HTML 9Page - Teccor Electronics P3602Z Datasheet HTML 10Page - Teccor Electronics P3602Z Datasheet HTML 11Page - Teccor Electronics P3602Z Datasheet HTML 12Page - Teccor Electronics P3602Z Datasheet HTML 13Page - Teccor Electronics P3602Z Datasheet HTML 14Page - Teccor Electronics P3602Z Datasheet HTML 15Page - Teccor Electronics P3602Z Datasheet HTML 16Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 212 page
background image
Description of Part Number
http://www.teccor.com
1 - 8
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Description of Part Number
The following illustration shows a description of a sample SIDACtor device part number.
P
210
2
A
A
DEVICE TYPE
P = SIDACtor
PACKAGE TYPE
A = TO–220
C = Three-leaded DO-214
E = TO–92
M = TO-218
S = DO–214
U = Six-pin SOIC
Z = SIP
LEAD FORM OPTIONS
TO-220 modified type 60, 61, or 62
For U type:
3 = 3 chips
4 = 4 chips
6 = 6 chips
61
CONSTRUCTION VARIABLE
0 = One chip
1 = Unidirectional part
2 = Two chips
3 = Three chips
IPP RATING
A = 50 A (10x560 µs)
B = 100 A (10x560 µs)
C = 500 A (2x10 µs)
D = 1000 A (8x20 µs)
E = 3000 A (8x20 µs)
RP
PACKING OPTIONS
RP1 = TO-92 reel pack (0.100" lead spacing)
RP2 = TO-92 reel pack (0.200" lead spacing)
AP = Ammo pack
RP = Reel pack
TP = Tube pack
MEDIAN VOLTAGE RATING
210 = 210 V
0 = One SIDACtor Chip
2 = Two Matched SIDACtor Chips
3 = Three Matched SIDACtor Chips
Patented
1
3
2
1
3
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com