Electronic Components Datasheet Search
  English  ▼

X  

P4802ACMC Datasheet(PDF) 62 Page - Teccor Electronics

Part # P4802ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P4802ACMC Datasheet(HTML) 62 Page - Teccor Electronics

Back Button P4802ACMC Datasheet HTML 58Page - Teccor Electronics P4802ACMC Datasheet HTML 59Page - Teccor Electronics P4802ACMC Datasheet HTML 60Page - Teccor Electronics P4802ACMC Datasheet HTML 61Page - Teccor Electronics P4802ACMC Datasheet HTML 62Page - Teccor Electronics P4802ACMC Datasheet HTML 63Page - Teccor Electronics P4802ACMC Datasheet HTML 64Page - Teccor Electronics P4802ACMC Datasheet HTML 65Page - Teccor Electronics P4802ACMC Datasheet HTML 66Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 212 page
background image
Four-Port Metallic Line Protector
http://www.teccor.com
2 - 44
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Four-Port Metallic Line Protector
The four-port hybrid Single In-line Package (SIP) line protector protects multiple twisted pair
from overcurrent and overvoltage conditions. Based on a SIP, it is equivalent to four
discrete DO-214AA SIDACtor devices and four surface mount fuses. Available in surge
current ratings up to 500 A, this four-port SIP line protector is ideal for densely populated
line cards that cannot afford PCB inefficiencies or the use of series power resistors.
* For individual “ZA,” “ZB,” and “ZC” surge ratings, see table below.
General Notes:
• All measurements are made at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C temperature range.
• IPP is a repetitive surge rating and is guaranteed for the life of the product.
• Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities.
• VDRM is measured at IDRM.
• VS is measured at 100 V/µs.
• Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
• Off-state capacitance is measured at 1 MHz with a 2 V bias and is a typical value for “ZA” and “ZB” product. “ZC” capacitance is
approximately 2x the listed value.
• Lower capacitance MC versions may be available. Contact factory for further information.
1
3
2
Tip
Ring
F1
Z1
4
6
5
Tip
Ring
F2
Z2
7
9
8
Tip
Ring
F3
Z3
10
12
11
Tip
Ring
F4
Z4
Electrical Parameters
Part
Number *
VDRM
Volts
VS
Volts
VT
Volts
IDRM
µAmps
IS
mAmps
IT
Amps
IH
mAmps
CO
pF
P0080Z_
6
25
4
5
800
2.2
50
100
P0300Z_
25
40
4
5
800
2.2
50
110
P0640Z_
58
77
4
5
800
2.2
150
50
P0720Z_
65
88
4
5
800
2.2
150
50
P0900Z_
75
98
4
5
800
2.2
150
50
P1100Z_
90
130
4
5
800
2.2
150
40
P1300Z_
120
160
4
5
800
2.2
150
40
P1500Z_
140
180
4
5
800
2.2
150
40
P1800Z_
170
220
4
5
800
2.2
150
30
P2300Z_
190
260
4
5
800
2.2
150
30
P2600Z_
220
300
4
5
800
2.2
150
30
P3100Z_
275
350
4
5
800
2.2
150
30
P3500Z_
320
400
4
5
800
2.2
150
30
Surge Ratings
Series
IPP
2x10 µs
Amps
IPP
8x20 µs
Amps
IPP
10x160 µs
Amps
IPP
10x560 µs
Amps
IPP
10x1000 µs
Amps
ITSM
60 Hz
Amps
di/dt
Amps/µs
A
150
150
90
50
45
20
500
B
250
250
150
100
80
30
500
C
500
400
200
150
100
50
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com