Electronic Components Datasheet Search
  English  ▼

X  

P4802ACMC Datasheet(PDF) 66 Page - Teccor Electronics

Part # P4802ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P4802ACMC Datasheet(HTML) 66 Page - Teccor Electronics

Back Button P4802ACMC Datasheet HTML 62Page - Teccor Electronics P4802ACMC Datasheet HTML 63Page - Teccor Electronics P4802ACMC Datasheet HTML 64Page - Teccor Electronics P4802ACMC Datasheet HTML 65Page - Teccor Electronics P4802ACMC Datasheet HTML 66Page - Teccor Electronics P4802ACMC Datasheet HTML 67Page - Teccor Electronics P4802ACMC Datasheet HTML 68Page - Teccor Electronics P4802ACMC Datasheet HTML 69Page - Teccor Electronics P4802ACMC Datasheet HTML 70Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 212 page
background image
Twin SLIC Protector
http://www.teccor.com
2 - 48
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Twin SLIC Protector
Subscriber Line Interface Circuits (SLIC) are highly susceptible to transient voltages, such
as lightning and power cross conditions. To minimize this threat, Teccor provides this dual-
chip, fixed-voltage SLIC protector device.
For specific design criteria, see details in Figure 3.23.
* For surge ratings, see table below.
General Notes:
• All measurements are made at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C temperature range.
• IPP is a repetitive surge rating and is guaranteed for the life of the product.
• VDRM is measured at IDRM.
• VS and VF are measured at 100 V/µs.
• Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
• Off-state capacitance is measured across pins 1-2 or 2-3 at 1 MHz with a 2 V bias. Capacitance across pins 1-3 is approximately
half.
• Parallel capacitive loads may affect electrical parameters.
• Compliance with GR 1089 or UL 60950 power cross tests may require special design considerations. Contact the factory for further
information.
Electrical Parameters
Part
Number *
VDRM
Volts
VS
Volts
VDRM
Volts
VS
Volts
VT
Volts
VF
Volts
IDRM
µAmps
IS
mAmps
IT
Amps
IH
mAmps
CO
pF
Pins 1-2, 2-3
Pins 1-3
P0641CA2
58
77
58
77
4
5
5
800
1
120
60
P0721CA2
65
88
65
88
4
5
5
800
1
120
60
P0901CA2
75
98
75
98
4
5
5
800
1
120
60
P1101CA2
95
130
95
130
4
5
5
800
1
120
60
Surge Ratings (Preliminary Data)
Series
IPP
2x10 µs
Amps
IPP
8x20 µs
Amps
IPP
10x160 µs
Amps
IPP
10x560 µs
Amps
IPP
10x1000 µs
Amps
ITSM
60 Hz
Amps
di/dt
Amps/µs
A
150
150
90
50
45
20
500
1
3
2
(T)
(G)
(R)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com