Electronic Components Datasheet Search
  English  ▼

X  

P4802ACMC Datasheet(PDF) 208 Page - Teccor Electronics

Part # P4802ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P4802ACMC Datasheet(HTML) 208 Page - Teccor Electronics

Back Button P4802ACMC Datasheet HTML 204Page - Teccor Electronics P4802ACMC Datasheet HTML 205Page - Teccor Electronics P4802ACMC Datasheet HTML 206Page - Teccor Electronics P4802ACMC Datasheet HTML 207Page - Teccor Electronics P4802ACMC Datasheet HTML 208Page - Teccor Electronics P4802ACMC Datasheet HTML 209Page - Teccor Electronics P4802ACMC Datasheet HTML 210Page - Teccor Electronics P4802ACMC Datasheet HTML 211Page - Teccor Electronics P4802ACMC Datasheet HTML 212Page - Teccor Electronics  
Zoom Inzoom in Zoom Outzoom out
 208 / 212 page
background image
Packing Options
http://www.teccor.com
6 - 18
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
TeleLink Surface Mount Fuse
The following illustration shows the TeleLink embossed carrier tape:
4˚ Max.
Section 'A'-'A'
.0135±.0005
(.343±.013)
+.012
-.004
+.30
-.10
.945
(24.00)
8˚ Max.
.436±.004
(11.07±.10)
.453±.004
(11.50±.10)
.124±.004
(1.75±.10)
.436±.004
(3.15±.10)
.157±.004
(4.00±.10)
.059±.010
(1.50±.25)
Dia.
.079±.004
(2.00±.10)
.059±.004
(1.50±.10)
Dia.
'A'
'B'
'A'
'B'
.315±.004
(8.00±.10)
.129±.004
(3.28±.10)
24 mm Black
Anti-static Carrier Tape
Dimensions are in inches
(and millimeters)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com