Electronic Components Datasheet Search
  English  ▼

X  

S3A6 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # S3A6
Description  Synergy Microcontrollers
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A6 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button S3A6 Datasheet HTML 60Page - Renesas Technology Corp S3A6 Datasheet HTML 61Page - Renesas Technology Corp S3A6 Datasheet HTML 62Page - Renesas Technology Corp S3A6 Datasheet HTML 63Page - Renesas Technology Corp S3A6 Datasheet HTML 64Page - Renesas Technology Corp S3A6 Datasheet HTML 65Page - Renesas Technology Corp S3A6 Datasheet HTML 66Page - Renesas Technology Corp S3A6 Datasheet HTML 67Page - Renesas Technology Corp S3A6 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 129 page
background image
R01DS0308EU0100 Rev.1.00
Page 64 of 129
Apr 4, 2017
S3A6 Group MCUs
2. Electrical Characteristics
Note 1.
The division ratio of ICK, FCK, and PCKx is the minimum division ratio within the allowable frequency range. The recovery time
is determined by the system clock source.
Note 2.
The Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 05h.
Note 3.
The Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 00h.
Note 1.
The division ratio of ICK, FCK, and PCKx is the minimum division ratio within the allowable frequency range. The recovery time
is determined by the system clock source. When multiple oscillators are active, the recovery time can be determined by the
following expression.
Note 2.
The Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 05h.
Note 3.
The Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 00h.
Note 1.
The sub-clock oscillator or LOCO itself continues to oscillate in Software Standby mode during subosc-speed mode.
Table 2.26
Timing of recovery from low power modes (3)
Parameter
Symbol Min
Typ
Max
Unit
Test
conditions
Recovery time
from Software
Standby mode*1
Low-speed
mode
Crystal
resonator
connected to
main clock
oscillator
System clock source is
main clock oscillator
(1 MHz)*2
tSBYMC
-2
3
ms
Figure 2.34
External clock
input to main
clock oscillator
System clock source is
main clock oscillator
(1 MHz)*3
tSBYEX
-28
50
μs
System clock source is MOCO
tSBYMO
-25
35
μs
Table 2.27
Timing of recovery from low power modes (4)
Parameter
Symbol Min
Typ
Max
Unit
Test
conditions
Recovery time
from Software
Standby mode*1
Low-voltage
mode
Crystal
resonator
connected to
main clock
oscillator
System clock source is
main clock oscillator
(4 MHz)*2
tSBYMC
-2
3
ms
Figure 2.34
External clock
input to main
clock oscillator
System clock source is
main clock oscillator
(4 MHz)*3
tSBYEX
-
108
130
μs
System clock source is HOCO
tSBYHO
-
108
130
μs
Table 2.28
Timing of recovery from low power modes (5)
Parameter
Symbol Min
Typ
Max
Unit
Test
conditions
Recovery time
from Software
Standby mode*1
Subosc-speed mode
System clock source is sub-clock
oscillator (32.768 kHz)
tSBYSC
-0.85
1
ms
Figure 2.34
System clock source is LOCO
(32.768 kHz)
tSBYLO
-
0.85
1.2
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com