Electronic Components Datasheet Search
  English  ▼

X  

S3A6 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # S3A6
Description  Synergy Microcontrollers
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A6 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button S3A6 Datasheet HTML 25Page - Renesas Technology Corp S3A6 Datasheet HTML 26Page - Renesas Technology Corp S3A6 Datasheet HTML 27Page - Renesas Technology Corp S3A6 Datasheet HTML 28Page - Renesas Technology Corp S3A6 Datasheet HTML 29Page - Renesas Technology Corp S3A6 Datasheet HTML 30Page - Renesas Technology Corp S3A6 Datasheet HTML 31Page - Renesas Technology Corp S3A6 Datasheet HTML 32Page - Renesas Technology Corp S3A6 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 129 page
background image
R01DS0308EU0100 Rev.1.00
Page 29 of 129
Apr 4, 2017
S3A6 Group MCUs
2. Electrical Characteristics
2.
Electrical Characteristics
Unless otherwise specified, the electrical characteristics of the MCU are defined under the following conditions:
VCC*1 = AVCC0 = VCC_USB*2 = VCC_USB_LDO*2 = 1.6 to 5.5V, VRERH = VREFH0 = 1.6 to AVCC0, VBATT =
1.6 to 3.6V, VSS = AVSS0 = VREFL = VREFL0 = VSS_USB = 0V, Ta = Topr.
Note 1. The typical condition is set to VCC = 3.3V.
Note 2. When USBFS is not used.
Figure 2.1 shows the timing conditions.
Figure 2.1
Input or output timing measurement conditions
The measurement conditions of timing specification in each peripherals are recommended for the best peripheral
operation. However, make sure to adjust driving abilities of each pins to meet your conditions.
Each function pin used for the same function must select the same drive ability. If I/O drive ability of each function pin is
mixed, the AC specification of each function is not guaranteed.
For example P100
C
VOH = VCC × 0.7, VOL = VCC × 0.3
VIH = VCC × 0.7, VIL = VCC × 0.3
Load capacitance C = 30pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com