Electronic Components Datasheet Search
  English  ▼

X  

ACE500EC Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE500EC
Description  Low-Dropout CMOS Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE500EC Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE500EC Datasheet HTML 1Page - ACE Technology Co., LTD. ACE500EC Datasheet HTML 2Page - ACE Technology Co., LTD. ACE500EC Datasheet HTML 3Page - ACE Technology Co., LTD. ACE500EC Datasheet HTML 4Page - ACE Technology Co., LTD. ACE500EC Datasheet HTML 5Page - ACE Technology Co., LTD. ACE500EC Datasheet HTML 6Page - ACE Technology Co., LTD. ACE500EC Datasheet HTML 7Page - ACE Technology Co., LTD. ACE500EC Datasheet HTML 8Page - ACE Technology Co., LTD. ACE500EC Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ACE500EC
Low-Dropout CMOS Voltage Regulator
VER 1.2
4
Dropout Voltage Chart
Setting Output Voltage
Dropout Voltage (mV) Typ.
V
OUT(V)
I
OUT=100mA
I
OUT=200mA
I
OUT=300mA
I
OUT=500mA
1.2
372mV
642mV
876mV
1.368V
1.5
248mV
471mV
681mV
1.128V
1.8
189mV
370mV
550mV
947mV
2.1
157mV
311mV
469mV
820mV
2.5
132mV
265mV
400mV
706mV
2.8
120mV
241mV
365mV
645mV
3.0
111mV
229mV
348mV
612mV
3.3
107mV
214mV
325mV
574mV
3.6
101mV
203mV
307mV
542mV
4.0
98mV
184mV
292mV
506mV
4.5
93mV
183mV
275mV
474mV
5.0
88mV
173mV
261mV
446mV
Typical Application Circuit
Figurer 1. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com