Electronic Components Datasheet Search
  English  ▼

X  

ACE500EC Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE500EC
Description  Low-Dropout CMOS Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE500EC Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE500EC Datasheet HTML 1Page - ACE Technology Co., LTD. ACE500EC Datasheet HTML 2Page - ACE Technology Co., LTD. ACE500EC Datasheet HTML 3Page - ACE Technology Co., LTD. ACE500EC Datasheet HTML 4Page - ACE Technology Co., LTD. ACE500EC Datasheet HTML 5Page - ACE Technology Co., LTD. ACE500EC Datasheet HTML 6Page - ACE Technology Co., LTD. ACE500EC Datasheet HTML 7Page - ACE Technology Co., LTD. ACE500EC Datasheet HTML 8Page - ACE Technology Co., LTD. ACE500EC Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ACE500EC
Low-Dropout CMOS Voltage Regulator
VER 1.2
1
Description
The ACE500EC series are a group of positive voltage regulators manufactured by CMOS technologies
with high ripple rejection, ultra-low noise, low power consumption and low dropout voltage, which can
prolong battery life in portable electronics. The ACE500EC series work with low-ESR ceramic capacitors,
reducing the amount of board space necessary for power applications. The ACE500EC series consume
less than 0.1μA in shutdown mode and have fast turn-on time less than 50μs.The series are very suitable
for the battery-
powered equipment’s, such as RF applications and other systems requiring a quiet voltage
source
Features
500mA RF Low-Dropout Regulator With Enable
Ultralow-Noise:
40μVRMS(10Hz~100kHz)
High PSRR: 70dB@1kHz
Fast Start-
Up Time (20μs)
Excellent Load/Line Transient Response
Low Dropout Voltage: 110mV@100mA
Stable With a 1μF Ceramic Capacitor
Available in Adjustable Voltage Version (0.6V to 5.5V)
Built-in Current Limiter, Short-Circuit Protection
Application
RF: VCOs, Receivers, ADCs
Cellular and Cordless Telephones
Handheld Organizers
Audio
Bluetooth, Wireless LAN
Tablet, MID
Absolute Maximum Ratings Unless otherwise specified, TA=25°C
Parameter
Symbol
Max
Unit
Input Voltage
VIN
VSS-0.3~VSS+8
V
Output Current
IOUT
750
mA
Output Voltage
VOUT
VSS-0.3~VIN+0.3
V
Power Dissipation
SOT-23-5
Pd
400
mW
SOT-23-6
Operating Temperature
Topr
- 40~85
OC
Storage Temperature
Tstg
- 40~125
OC
Soldering Temperature & Time
Tsolder
260
OC,10s


Similar Part No. - ACE500EC

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE500E ACE-ACE500E Datasheet
436Kb / 7P
Fast Transient Response LDO with Adjustable Output Voltage
VER 1.2
More results

Similar Description - ACE500EC

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S818 SII-S818 Datasheet
366Kb / 23P
LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
CMOS Low Dropout Voltage Regulator
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2128 GTM-GSC2128 Datasheet
577Kb / 6P
CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2129 GTM-GSC2129 Datasheet
552Kb / 6P
CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
LOW DROPOUT CMOS VOLTAGE REGULATOR
S-818 SII-S-818_1 Datasheet
525Kb / 32P
LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-818 ABLIC-S-818 Datasheet
487Kb / 32P
LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com