Electronic Components Datasheet Search
  English  ▼

X  

DS32W Datasheet(PDF) 3 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # DS32W
Description  Surface Mount Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

DS32W Datasheet(HTML) 3 Page - Xian Semipower Electronic Technology Co., Ltd.

  DS32W Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. DS32W Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. DS32W Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Marking
Type number
Marking code
DS32W
DS34W
DS36W
S32
DS38W
DS310W
DS312W
DS315W
DS320W
S34
S36
S38
S310
S312
S315
S320
PACKAGE OUTLINE
Plastic surface mounted package; 2 leads
SOD-123FL
A
∠ALL ROUND
V
A
M
UNIT
mm
1.1
0.20
2.9
1.9
3.8
0.9
0.12
2.6
1.7
3.5
7°
max
min
mil
max
min
43
35
7.9
4.7
114
102
75
67
150
138
A
C
D
E
HE
∠
1.1
0.8
43
31
e
Bottom View
HE
∠ALL ROUND
E
D
g
Top View
0.9
0.7
35
28
g
g
The recommended mounting pad size
2.0
(79)
1.2
(47)
mm
(mil)
Unit:
1.2
(47)
Page 3 of 3
DS32W THRU DS320W
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
2016 Rev 1.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com