Electronic Components Datasheet Search
  English  ▼

X  

DS32W Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # DS32W
Description  Surface Mount Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

DS32W Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  DS32W Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. DS32W Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. DS32W Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount Schottky Barrier Rectifier
Reverse Voltage - 20 to 200 V
Forward Current - 3.0A
FEATURES
• Metal silicon junction, majority carrier conduction
• For surface mounted applications
• Low power loss, high efficiency
• High forward surge current capability
• For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
MECHANICAL DATA
• Case: SOD-123FL
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight:15mg 0.00048oz
PINNING
PIN
1
2
DESCRIPTION
Cathode
Anode
Top View
Marking Code: DS32W
---S32
DS34W
---S34
DS36W
---S36
DS38W
---S38
DS310W
---S310
DS312W
---S312
DS315W
---S315
DS320W
---S320
Simplified outline SOD-123FL and symbol
Maximum DC Blocking Voltage
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Maximum Average Forward Rectified Current
Typical Junction Capacitance
20
40
V
14
28
V
V
3.0
0.5
10
-55 ~ +150
A
A
V
mA
pF
°C
Units
Absolute Maximum Ratings and Electrical characteristics
Ratings at
ambient temperature unless otherwise specified.Single phase, half wave, 60Hz resistive or inductive load,
for capacitive load, derate by 20 %
25
°C
20
40
Peak Forward Surge Current,8.3ms
Single Half Sine-wave Superimposed
on Rated Load (JEDEC method)
Max Instantaneous Forward Voltage at 3 A
Maximum DC Reverse Current
at Rated DC Reverse Voltage
Operating Junction Temperature Range
DS32W
DS34W
DS36W
DS38W
DS310W
DS312W
DS315W
DS320W
T = 25
°C
a
T =100
°C
a
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Cj
Tj
Symbols
Tstg
Storage Temperature Range
60
42
60
80
56
80
100
100
0.55
0.70
0.85
250
-55 ~ +150
°C
120
120
150
105
150
200
140
200
0.95
0.3
5
160
80
Typical Thermal Resistance
RθJA
°C/W
70
80
70
84
DS32W THRU DS320W
Page 1 of 3
1
2
(1)
(2)
Measured at 1 MHz and applied reverse voltage of 4 V D.C
(2)
(1)
P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
2016 Rev 1.0


Similar Part No. - DS32W

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
DS32W YFWDIODE-DS32W Datasheet
84Kb / 3P
Surface MountSchottky Barrier Rectifier
logo
Zibo Seno Electronic En...
DS32W ZSELEC-DS32W Datasheet
138Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Nantong Hornby Electron...
DS32W HORNBY-DS32W Datasheet
219Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
DS32W YFWDIODE-DS32W Datasheet
409Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
Rectron Semiconductor
DS32W RECTRON-DS32W Datasheet
311Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - DS32W

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com