Electronic Components Datasheet Search
  English  ▼

X  

HT45F3W Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 167 page
background image
Rev. 1.50
14
De�e��e� 01� �01�
Rev. 1.50
15
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
D/A Electrical Characteristics
Ta= 25˚C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDAC
D/A Ope�ating Voltage
—
—
�.4
—
—
V
IDAC
D/A Ope�ating Cu��ent
5V
1kHz sin wave� full-s�ale
—
3
4.5
�A
THD
Total Ha��oni� Disto�tion
—
—
—
-54
-48
d�
RES
Resolution
—
—
—
—
1�
�it
VO
Output Voltage Level
—
—
0.01
—
0.99
VDD
Charge Pump, Regulator and PGA Electrical Characteristics
Ta= 25˚C
Symbol
Parameter
Test Conditions
Min. Typ.
Max.
Unit
VDD
Conditions
Charge Pump and Regulator
VCHPI
Input Voltage
—
Cha�ge Pu�p on
�.�
—
3.�
V
Cha�ge Pu�p off
3.7
—
�.0
V
VREGO
Output Voltage
—
No load Ta=�5°C & 85°C
3.0
3.3
3.�
V
No load Ta=-40°C
�.7
3.3
3.9
V
VREGDP1 Regulato� Output Voltage D�op
(Co�pa�e with No load)
3.7~5.5V
Cha�ge Pu�p off
Current≤15mA + all circuits which
a�e powe�ed �y the Regulato�
—
100
—
�V
VREGDP� Regulato� Output Voltage D�op
(Co�pa�e with No load)
�.4~3.�V
Cha�ge Pu�p on
Current≤15mA + all circuits which
a�e powe�ed �y the Regulato�
—
100
—
�V
PGA, OP Amplifier and SCF PGA
VADOFF
Input Offset Range
—
VREGO=3.3V
—
500
800
μV
VRFGTC
Refe�en�e Gene�ato�
Temperature Coefficient
—
VREGO=3.3V
—
50
—
Pp�/C
VICMR
Co��on Mode Input Range
—
Amplifier, no load
0.�
—
VREGO-1
V
Integ�ato�� no load
1
— VREGO-0.�
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com