Electronic Components Datasheet Search
  English  ▼

X  

HT45F3W Datasheet(PDF) 26 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 26 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 22Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 23Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 24Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 25Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 26Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 27Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 28Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 29Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 30Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 167 page
background image
Rev. 1.50
��
De�e��e� 01� �01�
Rev. 1.50
�7
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
FC1 Register
Bit
7
6
5
4
3
2
1
0
Na�e
D7
D�
D5
D4
D3
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
55H:wholechipreset
Whenuserwrites55Htothisregister,itwillgeneratearesetsignaltoresetwhole
chip.
FC2 Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
—
—
—
—
—
—
CLWB
R/W
—
—
—
—
—
—
—
R/W
POR
—
—
—
—
—
—
—
0
Bit7~1
Unimplemented,readas“0”
Bit0
CLWB:FlashROMWriteBufferclearcontrolbit
0:DonotinitiateclearWriteBufferorclearWriteBufferprocessiscompleted.
1:InitiateclearWriteBufferprocess.
Beforepagewriteaction,usermustbesetCLWBbittoclearWriteBuffer.
Thisbitcanbesetbysoftwareonly,whenclearWriteBufferprocesscompleted,
hardwarewillclear“CLWB”bit.
FARL Register
Bit
7
6
5
4
3
2
1
0
Na�e
A7
A�
A5
A4
A3
A�
A1
A0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
A7~A0:Theflashaddress[7:0]
FARH Register
Bit
7
6
5
4
3
2
1
0
Na�e
A15
A14
A13
A1�
A11
A10
A9
A8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
A15~A8:Theflashaddress[15:8]
FD0L Register
Bit
7
6
5
4
3
2
1
0
Na�e
D7
D�
D5
D4
D3
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
D7~D0:ThefirstflashROMdata[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com