Electronic Components Datasheet Search
  English  ▼

X  

HT45F4N Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT45F4N
Description  Power Bank Flash MCU
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4N Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT45F4N Datasheet HTML 2Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 3Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 4Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 5Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 170 page
background image
Rev. 1.30
�
De�e��e� 1�� �01�
Rev. 1.30
7
De�e��e� 1�� �01�
HT45F4N/HT45FH4N
Power Bank Flash MCU
HT45F4N/HT45FH4N
Power Bank Flash MCU
Features
CPU Features
• OperatingVoltage
♦
fSYS=7.5MHz:2.55V~5.50V
♦
fSYS=15MHz:4.50V~5.50V
• Upto0.27μsinstructioncyclewith15MHzsystemclockatVDD=5V
• Powerdownandwake-upfunctionstoreducepowerconsumption
• Oscillators
♦
InternalRC--HIRC
♦
Internal32kHz--LIRC
• Multi-modeoperation:NORMAL,SLOW,IDLEandSLEEP
• Allinstructionsexecutedinoneortwoinstructioncycles
• Tablereadinstructions
• 63powerfulinstructions
• 8-levelsubroutinenesting
• Bitmanipulationinstruction
Peripheral Features
• FlashProgramMemory:4K×16
• RAMDataMemory:192×8
• TrueEEPROMMemory:64×8
• WatchdogTimerfunction
• Upto26bidirectionalI/Olines
• Softwarecontrolled4-SCOMlinesLCDdriverwith1/2bias
• Threepin-sharedexternalinterrupts
• One16-bitSTM
• Three10-bitPTMs
• TwocomplementaryPWMoutputwithdeadtimecontrol
• Twoovercurrentprotection(OCP)withinterrupt
• OneOver/Undervoltageprotection(OUVP)withinterrupt
• USBcharge/dischargeautodetectionfunction
• DualTime-Basefunctionsforgenerationoffixedtimeinterruptsignals
• 14-channel12-bitresolutionA/Dconverter(externalinput)
• Lowvoltageresetfunction
• Lowvoltagedetectfunction
• OneintegratedLDO:5Voutput−HT45FH4Nonly
• 2levelshiftoutputpins−HT45FH4Nonly
• Package:28-pinSSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com