Electronic Components Datasheet Search
  English  ▼

X  

HT45F4N Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT45F4N
Description  Power Bank Flash MCU
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4N Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT45F4N Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 170 page
background image
Rev. 1.30
10
De�e��e� 1�� �01�
Rev. 1.30
11
De�e��e� 1�� �01�
HT45F4N/HT45FH4N
Power Bank Flash MCU
HT45F4N/HT45FH4N
Power Bank Flash MCU
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
HT 45 FH 4N
28 SSO P- A
DX /C X
AX /B X
PB0 /T P 0_0 /T P1 _0/ TP 2_0/ TP 3_0 /[O UT 1L ]/ SC OM 0
PA4 /[IN T2 ]/ TP 0_1 /[O UT 1H ]/S CO M1
PA3 /[I NT 1 ]/T CK 1/ SC OM 2
PA5 /I NT 0/ TC K0 /S CO M3
PD 0/ AN 8/ D0 +
PD 2/ AN 10 /D 1+
PD 3/ AN 11 /D 1-
PD 4/ AN 12 /D 2+
PD 5/ AN 13 /D 2-
PA7 /IN T2 /T P1 _1 /A N4 /I CP CK
PA6 /IN T1 /T CK 3/ TP 2 _1/ AN 3/ IC PD A
PA2 /[I NT 0 ]/T CK 2/ AN 2
VC C
VS S
V5 /V DD
IO VD D/ AV DD /V DD
IO VSS/ V SS/ AVSS
PC 6/ OC P1 1
PC 5/ OC P1 0
PC 4/ OC P0 1
PC 3/ OC P0 0
PC 2/ OU VP 02 /A N7
PC 1/ OU VP 01 /A N6
PC 0/ OU VP 00 /A N5
PA 0/ TP 3_1 /A N0
PA 1/ D APW R/ AN 1/ VR EF
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
HT 45 VH 4N
28 S SO P- A
DX /C X
AX/ BX
PB0 /T P 0_0 /T P1 _0/ TP 2_0/ TP 3_0 /[O UT 1L ]/ SC OM 0
PA4 /[I NT 2 ]/T P 0_1 /[ OU T1 H ]/S CO M1
PA3 /[I NT 1] /T CK 1/ SC OM 2
PA5 /I NT 0/ TC K0 /S CO M3
PD 0/ AN 8/ D0 +
PD 2/ AN 10 /D 1+
PD 3/ AN 11 /D 1-
PD 4/ AN 12 /D 2+
PD 5/ AN 13 /D 2-
PA7 /I NT 2/ TP 1_1/ AN 4 /IC PC K/ OC DS CK
PA6 /IN T1 /T CK 3/ TP 2 _1/ AN 3 /IC PD A/ OC DS DA
PA 2/ [I NT 0 ]/T CK 2/ AN 2
VC C
VS S
V5
IO VD D/ AV DD /V DD
IO VSS/ VSS/ AVSS
PC 6/ OC P1 1
PC 5/ OC P1 0
PC 4/ OC P0 1
PC 3/ OC P0 0
PC 2/ OU VP 02 /A N7
PC 1/ OU VP 01 /A N6
PC 0/ OU VP 00 /A N5
PA 0/ TP 3_1 /A N0
PA 1/ D APW R/ AN 1/ VR EF
Note:1.Bracketedpinnamesindicatenon-defaultpinoutremappinglocations.
2.Ifthepin-sharedpinfunctionshavemultipleoutputssimultaneously,itspinnamesattherightsideofthe
“/”signcanbeusedforhigherpriority.
3.BothactualMCUandOCDSEVdeviceshavethesamepackagetype.TheOCDSCKandOCDSDApins
areonlyavailablefortheOCDSEVdevice.MoredetailsaredescribedintheOCDSsection.
4.ForHT45FH4Ndevice
♦
TheI/Olines,PB4/OUT0LandPB3/OUT0H,areinternallyconnectedtothelevelshiftinputs,AandC
respectively.
♦
TheI/Olines,PB1/[OUT0L]/OUT1L,PB2/[OUT0H]/OUT1HandPD1/AN9/D0-arenotconnectedto
theexternalpins.
♦
Thepin25andpin26mustbeconnectedtogetherintheapplicationPCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com