Electronic Components Datasheet Search
  English  ▼

X  

LGA2011 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # LGA2011
Description  THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LGA2011 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  LGA2011 Datasheet HTML 1Page - Delta Electronics, Inc. LGA2011 Datasheet HTML 2Page - Delta Electronics, Inc. LGA2011 Datasheet HTML 3Page - Delta Electronics, Inc. LGA2011 Datasheet HTML 4Page - Delta Electronics, Inc. LGA2011 Datasheet HTML 5Page - Delta Electronics, Inc. LGA2011 Datasheet HTML 6Page - Delta Electronics, Inc. LGA2011 Datasheet HTML 7Page - Delta Electronics, Inc. LGA2011 Datasheet HTML 8Page - Delta Electronics, Inc. LGA2011 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Delta Electronics
Corp.
Form No.
︰
︰
︰
︰tMP—D029
Form
Rev.
︰
︰
︰
︰00
APPROVAL SHEET
Customer Name .:
Model Name.:
LGA2011 narrow 1U HSK
Delta Part No.:
DHS-B10670-04
Customer Part No.:
Spec Issue Date .:
2012/05/28
Spec Revision :
00
PLEASE SEND ONE COPY OF THIS SPECIFICATION BACK AFTER YOU
SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
Approved By:
Date:
Approval
Check
Designer
Charles.Chen
Charles.Chen
Skyler.Huang


Similar Part No. - LGA2011

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LGA20C-00SADJXJ EMERSON-NETWORKPOWER-LGA20C-00SADJXJ Datasheet
1Mb / 28P
Embedded Power Device
logo
Artesyn Technologies
LGA20C-01SADJJ ARTESYN-LGA20C-01SADJJ Datasheet
712Kb / 4P
3, 6, 10 and 20 A output current rating Power
LGA20C-01SADJJ ARTESYN-LGA20C-01SADJJ Datasheet
712Kb / 4P
15 - 100 Watts POWER
logo
Emerson Network Power
LGA20C-01SADJXJ EMERSON-NETWORKPOWER-LGA20C-01SADJXJ Datasheet
1Mb / 28P
Embedded Power Device
More results

Similar Description - LGA2011

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AFC0712DB-F00 DELTA-AFC0712DB-F00 Datasheet
745Kb / 9P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
AFC0712DD-TP10 DELTA-AFC0712DD-TP10 Datasheet
856Kb / 9P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
AFC1212D-F00 DELTA-AFC1212D-F00 Datasheet
814Kb / 10P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
AFC1212D-SP19 DELTA-AFC1212D-SP19 Datasheet
827Kb / 9P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
AFL28A2LU-BRA01 DELTA-AFL28A2LU-BRA01 Datasheet
1Mb / 8P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
ASB0312HA-AF00 DELTA-ASB0312HA-AF00 Datasheet
572Kb / 8P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
ASB0312MA-CF00 DELTA-ASB0312MA-CF00 Datasheet
798Kb / 8P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
AUB0412HDYFM DELTA-AUB0412HDYFM Datasheet
967Kb / 9P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
BFB0712HD DELTA-BFB0712HD Datasheet
1Mb / 8P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
BFB1224H-T50R DELTA-BFB1224H-T50R Datasheet
465Kb / 9P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com