Electronic Components Datasheet Search
  English  ▼

X  

LGA2011 Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # LGA2011
Description  THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LGA2011 Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  LGA2011 Datasheet HTML 1Page - Delta Electronics, Inc. LGA2011 Datasheet HTML 2Page - Delta Electronics, Inc. LGA2011 Datasheet HTML 3Page - Delta Electronics, Inc. LGA2011 Datasheet HTML 4Page - Delta Electronics, Inc. LGA2011 Datasheet HTML 5Page - Delta Electronics, Inc. LGA2011 Datasheet HTML 6Page - Delta Electronics, Inc. LGA2011 Datasheet HTML 7Page - Delta Electronics, Inc. LGA2011 Datasheet HTML 8Page - Delta Electronics, Inc. LGA2011 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Delta Electronics
Corp.
Form No.
︰
︰
︰
︰tMP—D029
Form
Rev.
︰
︰
︰
︰00
1. SPECIFICATION
Characters
Item
Description
Scope
THIS SPECIFICATION DEFINES THE ELECTRICAL AND
MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
Application
LGA2011 narrow 1U CPU
Specification
a: Thermal Resistance
0.26 (℃/W) (REF.)
b: total weight
380 g (REF.)
c: clip force
30 Kgf (REF.)
BOM
Item
Part Name
Material
Part NO.
Q’TY
Remark
1
BASE
C1100
3346875400
1 PCE
2
FIN
AL1050
3346877800
1 PCE
3
SPACER
POM
3244747000
4 PCE
4
CAP
SUS
3462395200
4 PCE
5
SPRING
SWP
3462028800
4 PCE
6
SCREW
SUS
3105359900
4 PCE
7
E-CLIP
SK7
3110264700
4 PCE
8
GREASE
TC-1996
4021101500
0.25 g
9
10
11
12
13
14
15



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com