Electronic Components Datasheet Search
  English  ▼

X  

RF2942 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2942
Description  UHF QUADRATURE MODULATOR AND TRANSMITTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2942 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2942 Datasheet HTML 1Page - RF Micro Devices RF2942 Datasheet HTML 2Page - RF Micro Devices RF2942 Datasheet HTML 3Page - RF Micro Devices RF2942 Datasheet HTML 4Page - RF Micro Devices RF2942 Datasheet HTML 5Page - RF Micro Devices RF2942 Datasheet HTML 6Page - RF Micro Devices RF2942 Datasheet HTML 7Page - RF Micro Devices RF2942 Datasheet HTML 8Page - RF Micro Devices RF2942 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
11-196
RF2942
Rev A4 040115
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +3.6
VDC
Power Down Voltage (VPD)VCC+0.4
VDC
Input LO and RF Levels
+6
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Power Supply
Voltage
2.8
V
Specifications
2.0
3.6
V
Operating limits
Current
170
225
260
mA
10
24
mA
TXEN=0.0V
Carrier Input (LO IN)
T=25 °C, VCC=2.8V
Frequency Range
1800 to 1860
MHz
Power Level
-15
-6
dBm
Input Impedance
50
Ω
1830MHz
Modulation Input
Frequency Range
DC
2
10
MHz
50
Ω source, I,Q=400mV
p-p
Modulation for POUT
Power (I & Q)
400
mVP-P
Differential
Quadrature Phase Error
+2+5°
I/Q Amplitude Imbalance
0.2
dB
Input Impedance
>10
k
Ω
RF Output
T=25°C, VCC=2.8V, LO power=-6dBm,
SSB, I/Q=400mVP-P sine wave, 500kHz
Power Output
23
dBm
VCC=3.0V
21
22
27
dBm
VCC=2.8V
Second Harmonic Output
-20
-25
dBc
Third Harmonic Output
-35
-45
dBc
Sideband Suppression
-25
-40
dBc
Carrier Suppression
-25
dBc
Modulation DC offset can be externally
adjusted for optimum suppression. Carrier
suppression is then typically better than
40dB.
Broadband Noise Floor
-90
dBm/Hz
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com