Electronic Components Datasheet Search
  English  ▼

X  

RF2942 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF2942
Description  UHF QUADRATURE MODULATOR AND TRANSMITTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2942 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF2942 Datasheet HTML 4Page - RF Micro Devices RF2942 Datasheet HTML 5Page - RF Micro Devices RF2942 Datasheet HTML 6Page - RF Micro Devices RF2942 Datasheet HTML 7Page - RF Micro Devices RF2942 Datasheet HTML 8Page - RF Micro Devices RF2942 Datasheet HTML 9Page - RF Micro Devices RF2942 Datasheet HTML 10Page - RF Micro Devices RF2942 Datasheet HTML 11Page - RF Micro Devices RF2942 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11-205
RF2942
Rev A4 040115
LODiv2 Out versus VCC Over Temperature
-12.0
-11.0
-10.0
-9.0
-8.0
-7.0
-6.0
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
VCC (V)
-40.0°C
25.0°C
85.0°C
LODiv2 Out versus LO Amplitude Over Temperature
-12.0
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
-15.0
-12.0
-9.0
-6.0
-3.0
0.0
LO Amplitude (dBm)
-40.0°C
25.0°C
85.0°C
LODiv2 Out versus LO Frequency Over Temperature
-12.0
-11.0
-10.0
-9.0
-8.0
-7.0
-6.0
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
1800.0
1810.0
1820.0
1830.0
1840.0
1850.0
1860.0
LO Frequency (MHz)
-40.0°C
25.0°C
85.0°C
LODiv2 Out versus I/Q Amplitude Over Temperature
-12.0
-11.0
-10.0
-9.0
-8.0
-7.0
-6.0
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
250.0
375.0
500.0
625.0
750.0
I/Q Amplitude (mVP-P)
-40.0°C
25.0°C
85.0°C
Image Suppression versus I/Q Amplitude Over
Temperature
-50.0
-45.0
-40.0
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
250.0
300.0
350.0
400.0
450.0
500.0
550.0
600.0
650.0
700.0
750.0
I/Q Amplitude (mVP-P)
-40.0°C
25.0°C
85.0°C
Image Suppression versus I/Q Phase Over Temperature
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
80.0
85.0
90.0
95.0
100.0
I/Q Phase (degree)
-40.0°C
25.0°C
85.0°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com