Electronic Components Datasheet Search
  English  ▼

X  

ALD212902 Datasheet(PDF) 6 Page - Advanced Linear Devices

Part # ALD212902
Description  PRECISION N-CHANNEL EPAD MOSFET ARRAY DUAL HIGH DRIVE NANOPOWER MATCHED PAIR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD212902 Datasheet(HTML) 6 Page - Advanced Linear Devices

Back Button ALD212902 Datasheet HTML 2Page - Advanced Linear Devices ALD212902 Datasheet HTML 3Page - Advanced Linear Devices ALD212902 Datasheet HTML 4Page - Advanced Linear Devices ALD212902 Datasheet HTML 5Page - Advanced Linear Devices ALD212902 Datasheet HTML 6Page - Advanced Linear Devices ALD212902 Datasheet HTML 7Page - Advanced Linear Devices ALD212902 Datasheet HTML 8Page - Advanced Linear Devices ALD212902 Datasheet HTML 9Page - Advanced Linear Devices ALD212902 Datasheet HTML 10Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ALD212902
Advanced Linear Devices
6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS (cont.)
LOW LEVEL OUTPUT CONDUCTANCE
vs. AMBIENT TEMPERATURE
1000
800
600
400
200
0
AMBIENT TEMPERATURE - TA (°C)
-50
-25
0
+25
+50
+125
+100
+75
VGS = VGS(th) + 0.5V
VDS = + 3.0V
HIGH LEVEL OUTPUT CONDUCTANCE
vs. GATE THRESHOLD VOLTAGE
GATE THRESHOLD VOLTAGE - VGS(th) (V)
-4.0
-3.0
-2.0
-1.0
0.0
+2.0
+3.0
+1.0
2.75
2.50
2.00
2.25
1.75
1.50
VGS = VGS(th) + 3.0V
VDS = + 3.0V
TA = + 25°C
LOW LEVEL OUTPUT CONDUCTANCE
vs. GATE THRESHOLD VOLTAGE
1000
0
-3.0
-2.0
-1.0
0
+2.0
+3.0
+1.0
-4.0
200
400
600
800
GATE THRESHOLD VOLTAGE - VGS(th) (V)
TA = + 25°C
VGS = VGS(th) + 0.5V
VDS = + 3.0V
HIGH LEVEL OUTPUT CONDUCTANCE
vs. AMBIENT TEMPERATURE
3.50
3.00
2.75
-50
-25
0
+25
+50
+125
+100
+75
3.25
2.50
2.00
2.25
AMBIENT TEMPERATURE - TA (°C)
VGS = VGS(th)+ 3.0V
VDS = + 3.0V
TRANSCONDUCTANCE vs.
AMBIENT TEMPERATURE
100
80
60
40
0
20
AMBIENT TEMPERATURE - TA (°C)
-50
-25
0
+25
+50
+125
+100
+75
VGS = VGS(th) + 3.0V
VDS = + 3.0V
TRANSCONDUCTANCE vs.
GATE THRESHOLD VOLTAGE
GATE THRESHOLD VOLTAGE - VGS(th) (V)
-4.0
-3.0
-2.0
-1.0
0.0
+2.0
+3.0
+1.0
80
60
40
20
0
TA = +25°C
VGS = VGS(th) + 3.0V
VDS = 3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com