Electronic Components Datasheet Search
  English  ▼

X  

ALD212902 Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD212902
Description  PRECISION N-CHANNEL EPAD MOSFET ARRAY DUAL HIGH DRIVE NANOPOWER MATCHED PAIR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD212902 Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD212902 Datasheet HTML 1Page - Advanced Linear Devices ALD212902 Datasheet HTML 2Page - Advanced Linear Devices ALD212902 Datasheet HTML 3Page - Advanced Linear Devices ALD212902 Datasheet HTML 4Page - Advanced Linear Devices ALD212902 Datasheet HTML 5Page - Advanced Linear Devices ALD212902 Datasheet HTML 6Page - Advanced Linear Devices ALD212902 Datasheet HTML 7Page - Advanced Linear Devices ALD212902 Datasheet HTML 8Page - Advanced Linear Devices ALD212902 Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2014 Advanced Linear Devices, Inc., Vers. 1.1
www.aldinc.com
1 of 12
e
EPAD
TM
®
N A
B L
E D
E
ADVANCED
LINEAR
DEVICES, INC.
GENERAL DESCRIPTION
The ALD212902 precision enhancement mode N-Channel EPAD
® MOSFET
array is precision matched at the factory using ALD’s proven EPAD
® CMOS
technology. These dual monolithic devices are enhanced additions to the
ALD110902 EPAD
® MOSFET Family, with increased forward transconductance
and output conductance, particularly at very low supply voltages.
Intended for low voltage, low power small signal applications, the ALD212902
features precision +0.20V threshold voltage, which enables circuit designs with
input/output signals referenced to very low operating voltage ranges. With these
devices, a circuit with multiple cascading stages can be built to operate at ex-
tremely low supply/bias voltage levels. For example, a nanopower input ampli-
fier stage operating at less than 0.2V supply voltage has been successfully built
with these devices.
ALD212902 EPAD MOSFETs feature exceptional matched pair electrical char-
acteristics of Gate Threshold Voltage VGS(th) set precisely at +0.20V +0.010V,
IDS = +20µA @ VDS = 0.10V, with a typical offset voltage of only +0.002V (2mV).
Built on a single monolithic chip, they also exhibit excellent temperature track-
ing characteristics. These precision devices are versatile as design components
for a broad range of analog small signal applications such as basic building
blocks for current mirrors, matching circuits, current sources, differential ampli-
fier input stages, transmission gates, and multiplexers. They also excel in lim-
ited operating voltage applications, such as very low level voltage-clamps and
nano-power normally-on circuits.
In addition to precision matched-pair electrical characteristics, each individual
EPAD MOSFET also exhibits well controlled manufacturing characteristics, en-
abling the user to depend on tight design limits from different production batches.
These devices are built for minimum offset voltage and differential thermal re-
sponse, and they can be used for switching and amplifying applications in +0.1V
to +10V (+0.05V to +5V) powered systems where low input bias current, low
input capacitance, and fast switching speed are desired. At VGS > +0.20V, the
device exhibits enhancement mode characteristics whereas at VGS < +0.20V
the device operates in the subthreshold voltage region and exhibits conven-
tional depletion mode characteristics, with well controlled turn-off and sub-thresh-
old levels that operate the same as standard enhancement mode MOSFETs.
The ALD212902 features high input impedance (2.5 x 1010Ω) and high DC cur-
rent gain (>108). A sample calculation of the DC current gain at a drain output
current of 30mA and input current of 300pA at 25°C is 30mA/300pA =
100,000,000, which translates into a dynamic operating current range of about
eight orders of magnitude. A series of four graphs titled “Forward Transfer Char-
acteristics”, with the 2nd and 3rd sub-titled “expanded (subthreshold)” and “fur-
ther expanded (subthreshold)”, and the 4th sub-titled “low voltage”, illustrates
the wide dynamic operating range of these devices.
Generally it is recommended that the V+ pin be connected to the most positive
voltage and the V- and IC (internally-connected) pins to the most negative volt-
age in the system. All other pins must have voltages within these voltage limits
at all times. Standard ESD protection facilities and handling procedures for static
sensitive devices are highly recommended when using these devices.
PRECISION N-CHANNEL EPAD® MOSFET ARRAY
DUAL HIGH DRIVE NANOPOWER™ MATCHED PAIR
FEATURES & BENEFITS
• Precision VGS(th) = +0.20V ±0.02V
• VOS (VGS(th) match) 10mV max.
• Sub-threshold voltage (nano-power) operation
• < 200mV min. operating voltage
• < 1nA min. operating current
• < 1nW min. operating power
• > 100,000,000:1 operating current ranges
• High transconductance and output conductance
• Low RDS(ON) of 14Ω
• Output current > 50mA
• Matched and tracked tempco
• Tight lot-to-lot parametric control
• Positive, zero, and negative VGS(th) tempco
• Low input capacitance and leakage currents
APPLICATIONS
• Low overhead current mirrors and current sources
• Zero Power Normally-On circuits
• Energy harvesting circuits
• Very low voltage analog and digital circuits
• Zero power fail-safe circuits
• Backup battery circuits & power failure detector
• Extremely low level voltage-clamps
• Extremely low level zero-crossing detector
• Matched source followers and buffers
• Precision current mirrors and current sources
• Matched capacitive probes and sensor interfaces
• Charge detectors and charge integrators
• High gain differential amplifier input stage
• Matched peak-detectors and level-shifters
• Multiple Channel Sample-and-Hold switches
• Precision Current multipliers
• Discrete matched analog switches/multiplexers
• Nanopower discrete voltage comparators
ALD212902
VGS(th)= +0.20V
*IC pins are internally connected, connect to V-
SAL, PAL PACKAGES
PIN CONFIGURATION
ALD212902
V-
GN1
DN1
S12
DN2
GN2
1
2
3
6
7
8
4
5
M 1
M 2
V-
V-
V-
IC*
V+
ORDERING INFORMATION (“L” suffix denotes lead-free (RoHS))
*Contact factory for industrial temp. range or user-specified threshold voltage values.
Operating Temperature Range *
0°C to +70°C
8-Pin SOIC Package
8-Pin Plastic Dip Package
ALD212902SAL
ALD212902PAL


Similar Part No. - ALD212902

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD212902 ALD-ALD212902 Datasheet
517Kb / 12P
PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY DUAL HIGH DRIVE NANOPOWER??MATCHED PAIR
2019
ALD212902PAL ALD-ALD212902PAL Datasheet
517Kb / 12P
PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY DUAL HIGH DRIVE NANOPOWER??MATCHED PAIR
2019
ALD212902SAL ALD-ALD212902SAL Datasheet
517Kb / 12P
PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY DUAL HIGH DRIVE NANOPOWER??MATCHED PAIR
2019
ALD212902 ALD-ALD212902_V01 Datasheet
517Kb / 12P
PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY DUAL HIGH DRIVE NANOPOWER??MATCHED PAIR
2019
More results

Similar Description - ALD212902

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1123E ALD-ALD1123E Datasheet
55Kb / 8P
QUAD/DUAL EPAD PRECISION MATCHED PAIR N-CHANNEL MOSFET ARRAY
ALD210802 ALD-ALD210802 Datasheet
107Kb / 12P
PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE NANOPOWER MATCHED PAIR
ALD210808 ALD-ALD210808 Datasheet
113Kb / 12P
PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE MATCHED PAIR
ALD212904 ALD-ALD212904 Datasheet
105Kb / 12P
PRECISION N-CHANNEL EPAD MOSFET ARRAY DUAL HIGH DRIVE NANOPOWER MATCHED PAIR
ALD212908 ALD-ALD212908 Datasheet
111Kb / 12P
PRECISION N-CHANNEL EPAD MOSFET ARRAY DUAL HIGH DRIVE MATCHED PAIR
ALD310702 ALD-ALD310702 Datasheet
512Kb / 9P
PRECISION P-CHANNEL EPAD MOSFET ARRAY QUAD NANOPOWER MATCHED PAIR
ALD310704 ALD-ALD310704 Datasheet
512Kb / 9P
PRECISION P-CHANNEL EPAD MOSFET ARRAY QUAD NANOPOWER MATCHED PAIR
ALD210804 ALD-ALD210804 Datasheet
107Kb / 12P
PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE NANOPOWER MATCHED PAIR
ALD212902 ALD-ALD212902_V01 Datasheet
517Kb / 12P
PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY DUAL HIGH DRIVE NANOPOWER??MATCHED PAIR
2019
ALD212904 ALD-ALD212904_V01 Datasheet
517Kb / 12P
PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY DUAL HIGH DRIVE NANOPOWER??MATCHED PAIR
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com