Electronic Components Datasheet Search
  English  ▼

X  

HT66F4360 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT66F4360
Description  Smart Card Reader Flash MCU
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4360 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT66F4360 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F4360 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F4360 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F4360 Datasheet HTML 12Page - Holtek Semiconductor Inc HT66F4360 Datasheet HTML 13Page - Holtek Semiconductor Inc HT66F4360 Datasheet HTML 14Page - Holtek Semiconductor Inc HT66F4360 Datasheet HTML 15Page - Holtek Semiconductor Inc HT66F4360 Datasheet HTML 16Page - Holtek Semiconductor Inc HT66F4360 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 263 page
background image
Rev. 1.30
1�
De�e��e� 1�� �01�
Rev. 1.30
13
De�e��e� 1�� �01�
HT66F4360/HT66F4370/HT66F4390
Smart Card Reader Flash MCU
HT66F4360/HT66F4370/HT66F4390
Smart Card Reader Flash MCU
Pad Name
Function
OPT
I/T
O/T
Description
PB�/INT0/RX1/AN�
PB�
PBPU
PBS1
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
INT0
PBS1
INTEG
INTC0
ST
—
Exte�nal Inte��upt 0
RX1
PBS1
ST
—
UART1 RX se�ial data input
AN�
PBS1
AN
—
A/D Conve�te� analog input
PB7/VREF/AN7
PB7
PBPU
PBS1
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
VREF
PBS1
AN
—
A/D Conve�te� �efe�en�e voltage input
AN7
PBS1
AN
—
A/D Conve�te� analog input
PC0/CTP0B
PC0
PCPU
PCS0
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
CTP0B
PCS1
—
CMOS CTM0 inve�ted output
PC1/CTP1B
PC1
PCPU
PCS0
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
CTP1B
PCS1
—
CMOS CTM1 inve�ted output
PC�/PTPB
PC�
PCPU
PCS0
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
PTPB
PCS0
—
CMOS PTM inve�ted output
PC3/STPB
PC3
PCPU
PCS0
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
STPB
PCS0
—
CMOS STM inve�ted output
PC4/CTCK0
PC4
PCPU
PCS1
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
CTCK0
PCS1
ST
—
CTM0 �lo�k input
PC�/CTCK1
PC�
PCPU
PCS1
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
CTCK1
PCS1
ST
—
CTM1 �lo�k input
PC�/PTCK/SCL
PC�
PCPU
PCS1
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
PTCK
PCS1
ST
—
PTM �lo�k input
SCL
PCS1
ST
NMOS I�C �lo�k line
PC7/STCK/SDA
PC7
PCPU
PCS1
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
STCK
PCS1
ST
—
STM �lo�k input
SDA
PCS1
ST
NMOS I�C data/add�ess line
PE0/VDDIO
PE0
PEPU
PES0
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
VDDIO
PES0 PWR
—
PA & PB exte�nal powe� supply
PE1/UBUS/VDD
PE1
—
ST
—
Gene�al pu�pose Input
UBUS
—
PWR
—
USB SIE powe� supply
VDD
—
PWR
—
Powe� supply
PE�/OSC1
PE�
PEPU
PES0
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
OSC1
PES0 HXT
—
HXT os�illato� pin
PE3/OSC�
PE3
PEPU
PES0
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
OSC�
PES0
—
HXT HXT os�illato� pin
PE7/RES
PE7
PEPU
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
RES
RSTC
ST
—
Exte�nal �eset pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com