Electronic Components Datasheet Search
  English  ▼

X  

HT66F4360 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT66F4360
Description  Smart Card Reader Flash MCU
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4360 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT66F4360 Datasheet HTML 17Page - Holtek Semiconductor Inc HT66F4360 Datasheet HTML 18Page - Holtek Semiconductor Inc HT66F4360 Datasheet HTML 19Page - Holtek Semiconductor Inc HT66F4360 Datasheet HTML 20Page - Holtek Semiconductor Inc HT66F4360 Datasheet HTML 21Page - Holtek Semiconductor Inc HT66F4360 Datasheet HTML 22Page - Holtek Semiconductor Inc HT66F4360 Datasheet HTML 23Page - Holtek Semiconductor Inc HT66F4360 Datasheet HTML 24Page - Holtek Semiconductor Inc HT66F4360 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 263 page
background image
Rev. 1.30
�0
De�e��e� 1�� �01�
Rev. 1.30
�1
De�e��e� 1�� �01�
HT66F4360/HT66F4370/HT66F4390
Smart Card Reader Flash MCU
HT66F4360/HT66F4370/HT66F4390
Smart Card Reader Flash MCU
DC/DC Converter & LDO Electrical Characteristics
Ta=��°C� VDD=VIN, L=100μH, Current rating ≥ 100mA, DC resistance ≤ 2Ω
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Unit
VDD
Conditions
VIN
DC/DC Input Voltage Range
(AVDD Pin)
— 3V and �V Regulato� output�
DCEN=1
�.8
—
�.�
V
— 1.8V Regulato� output� DCEN=1
�.8
—
3.4
V
— 1.8V Regulato� output� DCEN=0
3.4
—
�.�
V
VOUT_DCDC
DC/DC Output Voltage
(VO Pin)
— V
IN
=�.8V~4.0V� VSEL=0�
VC[1:0]=10B� ILOAD=���A
Typ.
-�%
3.8 Typ.
+�%
V
— V
IN
=�.8V ~ �.�V� VSEL=1�
VC[1:0]=11B� ILOAD=���A
Typ.
-�%
�.� Typ.
+�%
V
VOUT_LDO
LDO Output Voltage
(CRDVCC Pin)
— V
IN
=�.8V� VOUT_DCDC=3.8V�
VC[1:0]=01B� ILOAD=3��A
1.��
1.8 1.94
V
— V
IN
=�.8V� VOUT_DCDC=3.8V�
VC[1:0]=10B� ILOAD=���A
�.7�
3
3.�4
V
— V
IN
=�.8V� VOUT_DCDC=�.�V�
VC[1:0]=11B� ILOAD=���A
4.�
�
�.4
V
IOUT
LDO Output Cu��ent
— VC[1:0]=01B, ΔVOUT_LDO=-3%
3�
—
—
�A
— VC[1:0]=10B, ΔVOUT_LDO=-3%
��
—
—
�A
— VC[1:0]=11B, ΔVOUT_LDO=-3%
��
—
—
�A
IQ
LDO Quies�ent Cu��ent
— VC[1:0]=11B� no load
—
190 ��0
μA
ΔVOUT_LDO
_RIPPLE
LDO Output Voltage Ripple
(CRDVCC Pin)
— V
IN
=�.8V� VOUT_DCDC=3.8V� DCEN=1�
VC[1:0]=01B� ILOAD=3��A
—
—
�00 �V
— V
IN
=�.8V� VOUT_DCDC=3.8V� DCEN=1�
VC[1:0]=10B� ILOAD=���A
—
—
�00 �V
— V
IN
=�.8V� VOUT_DCDC=�.�V� DCEN=1�
VC[1:0]=11B� ILOAD=���A
—
—
�00 �V
IOCDET
Cu��ent Ove�load Dete�tion
— V
IN
=�.8V� VOUT_DCDC=3.8V�
VC[1:0]=01B
Typ.
-�%
90
Typ.
+�% �A
— V
IN
=�.8V� VOUT_DCDC=3.8V�
VC[1:0]=10B
Typ.
-�%
100 Typ.
+�% �A
— V
IN
=�.8V� VOUT_DCDC=�.�V�
VC[1:0]=11B
Typ.
-�%
1�0 Typ.
+�% �A
tOCDET
Cu��ent Ove�load Dete�tion
Ti�e
—
VIN =�.8V� VOUT_DCDC=3.8V�
VC[1:0]=01B�
ILOAD f�o� 3��A to 1�0�A
—
— 1400 μs
—
VIN =�.8V� VOUT_DCDC=3.8V�
VC[1:0]=10B�
ILOAD f�o� ���A to 1�0�A
—
— 1400 μs
—
VIN =�.8V� VOUT_DCDC=�.�V�
VC[1:0]=11B�
ILOAD f�o� ���A to 1�0�A
—
— 1400 μs
tOFF
LDO Output Tu�n Off Ti�e
—
VIN =�.8V� VOUT_DCDC=3.8V�
VC[1:0]=01B� ILOAD=3��A�
VOUT_LDO f�o� VOUT_LDO to 0.4V
—
—
7�0
μs
—
VIN =�.8V� VOUT_DCDC=3.8V�
VC[1:0]=10B� ILOAD=���A�
VOUT_LDO f�o� VOUT_LDO to 0.4V
—
—
7�0
μs
—
VIN =�.8V� VOUT_DCDC=�.�V�
VC[1:0]=11B� ILOAD=���A�
VOUT_LDO f�o� VOUT_LDO to 0.4V
—
—
7�0
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com