Electronic Components Datasheet Search
  English  ▼

X  

HT66F4540 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT66F4540
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4540 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT66F4540 Datasheet HTML 4Page - Holtek Semiconductor Inc HT66F4540 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66F4540 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F4540 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F4540 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F4540 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F4540 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F4540 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F4540 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 224 page
background image
Rev. 1.00
8
De�e��e� �1� �01�
Rev. 1.00
9
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
General Description
ThisseriesofdevicesareFlashMemoryA/Dtype8-bithighperformanceRISCarchitecture
microcontrollers.OfferinguserstheconvenienceofFlashMemorymulti-programmingfeatures,
thesedevicesalsoincludeawiderangeofflexiblefunctionsandfeatures.Othermemoryincludesan
areaofRAMDataMemoryaswellasanareaoftrueEEPROMmemoryforstorageofnon-volatile
datasuchasserialnumbers,calibrationdataetc.
Analogfeaturesincludeamulti-channel12-bitA/Dconverter,a16-bitVoiceD/Aconverter,dual
comparators,dualoperationalamplifiersandthree8-bitmulti-channelD/Aconverter.Withregard
tointernaltimers,thesedevicesincludemultipleandextremelyflexibleTimerModulesproviding
functionsfortiming,pulsegenerationandPWMgenerationoperations.Communicationwith
theoutsideworldiscateredforbytheinclusionoffullyintegratedSPI,I2CandUARTinterfaces
functions,popularinterfaceswhichprovidedesignerswithameansofeasycommunicationwith
externalperipheralhardware.ProtectivefeaturessuchasaninternalWatchdogTimer,LowVoltage
ResetandLowVoltageDetectorcoupledwithexcellentnoiseimmunityandESDprotectionensure
thatreliableoperationismaintainedinhostileelectricalenvironments.
Afullchoiceofvariousinternalandexternalhighandlowoscillatorsareprovidedincludinga
fullyintegratedsystemoscillatorwhichrequiresnoexternalcomponentsforitsimplementation.
Theabilitytooperateandswitchdynamicallybetweenarangeofoperatingmodesusingdifferent
clocksourcesgivesuserstheabilitytooptimisemicrocontrolleroperationandminimisepower
consumption.
TheinclusionofflexibleI/Oprogrammingfeatures,afullyintegratedLCDdriverandTime-
Basefunctionsalongwithmanyotherfeaturesensurethatthesedeviceswillfindexcellentusein
applicationssuchassmokedetectors,electronicmetering,environmentalmonitoring,handheld
instruments,householdappliances,electronicallycontrolledtools,motordrivinginadditiontomany
others.
Selection Table
Mostfeaturesarecommontoalldevices.ThemainfeaturesdistinguishingthemareMemory
capacityI/Ocount,A/Dconverterinputs,TimerModulefeatures,SCOM,UART,VoiceD/A
converter,stackandpackagetypes.Thefollowingtablesummarisesthemainfeaturesofeach
device.
Part No.
Program
Memory
Data
Memory
Data
EEPROM I/O
External
Interrupt
A/D
Timer
Module
Time
Base
HT��F4530
�K×1�
1�8×8
3�×8
18
�
1�-�it×5 10-�it STM×1
10-�it PTM×1
�
HT��F4540
4K×1�
�5�×8
�4×8
��
�
1�-�it×8 10-�it STM×1
10-�it PTM�
�
HT��F4550
8K×1�
384×8
�4×8
��
�
1�-�it×8 10-�it STM×�
10-�it PTM�
�
Part No.
SCOM SIM UART Comp. Op. Amp.
D/A
Voice D/A Stack
Package
HT��F4530
×
√
×
�
�
8-�it×3
×
�
1�NSOP
�0SSOP
HT��F4540
4
√
√
�
�
8-�it×3
×
8
�4/�8SSOP
HT��F4550
4
√
√
�
�
8-�it×3
√
8
�4/�8SSOP
Note:Asdevicesexistinmorethanonepackageformat,thetablereflectsthesituationforthe
packagewiththemostpins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com