Electronic Components Datasheet Search
  English  ▼

X  

HT66F4540 Datasheet(PDF) 87 Page - Holtek Semiconductor Inc

Part # HT66F4540
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4540 Datasheet(HTML) 87 Page - Holtek Semiconductor Inc

Back Button HT66F4540 Datasheet HTML 83Page - Holtek Semiconductor Inc HT66F4540 Datasheet HTML 84Page - Holtek Semiconductor Inc HT66F4540 Datasheet HTML 85Page - Holtek Semiconductor Inc HT66F4540 Datasheet HTML 86Page - Holtek Semiconductor Inc HT66F4540 Datasheet HTML 87Page - Holtek Semiconductor Inc HT66F4540 Datasheet HTML 88Page - Holtek Semiconductor Inc HT66F4540 Datasheet HTML 89Page - Holtek Semiconductor Inc HT66F4540 Datasheet HTML 90Page - Holtek Semiconductor Inc HT66F4540 Datasheet HTML 91Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 224 page
background image
Rev. 1.00
8�
De�e��e� �1� �01�
Rev. 1.00
87
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
Bit1~0
IFS1~IFS0:RXinputsourcepinselection
00:PB6
01:PA0
10:PA5
11:PB6
Note:IntheSPIMastermode,thePA3andPC0pinseachcanbeusedastheSCSpinafter
SIMEN=1andCSEN=1andareindependentoftheIFS[5:4]bits,whilethePA4andPD0pins
eachcanbeusedastheSCKpinafterSIMEN=1andareindependentoftheIFS[3:2]bits.
I/O Pin Structures
TheaccompanyingdiagramillustratestheinternalstructuresoftheI/Ologicfunction.Astheexact
logicalconstructionoftheI/Opinwilldifferfromthisdiagram,itissuppliedasaguideonlyto
assistwiththefunctionalunderstandingofthelogicfunctionI/Opins.Thewiderangeofpin-shared
structuresdoesnotpermitalltypestobeshown.
M
U
X
VDD
Cont�ol Bit
Data Bit
Data Bus
W�ite Cont�ol Registe�
Chip Reset
Read Cont�ol Registe�
Read Data Registe�
W�ite Data Registe�
Syste� Wake-up
wake-up Sele�t PA only
I/O pin
Weak
Pull-up
Pull-high
Registe�
Sele�t
Q
D
CK
Q
D
CK
Q
Q
S
S
Logic Function Input/Output Structure
Programming Considerations
Withintheuserprogram,oneofthefirstthingstoconsiderisportinitialisation.Afterareset,all
oftheI/Odataandportcontrolregisterswillbesethigh.ThismeansthatallI/Opinswilldefault
toaninputstate,thelevelofwhichdependsontheotherconnectedcircuitryandwhetherpull-
highselectionshavebeenchosen.Iftheportcontrolregistersarethenprogrammedtosetupsome
pinsasoutputs,theseoutputpinswillhaveaninitialhighoutputvalueunlesstheassociatedport
dataregistersarefirstprogrammed.Selectingwhichpinsareinputsandwhichareoutputscanbe
achievedbyte-widebyloadingthecorrectvaluesintotheappropriateportcontrolregisterorby
programmingindividualbitsintheportcontrolregisterusingthe"SET[m].i"and"CLR[m].i"
instructions.Notethatwhenusingthesebitcontrolinstructions,aread-modify-writeoperationtakes
place.Themicrocontrollermustfirstreadinthedataontheentireport,modifyittotherequirednew
bitvaluesandthenrewritethisdatabacktotheoutputports.
PortAhastheadditionalcapabilityofprovidingwake-upfunctions.Whenthesedevicesareinthe
SLEEPorIDLEMode,variousmethodsareavailabletowakethesedevicesup.Oneoftheseisa
hightolowtransitionofanyofthePortApins.SingleormultiplepinsonPortAcanbesetupto
havethisfunction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com