Electronic Components Datasheet Search
  English  ▼

X  

HT68F003 Datasheet(PDF) 98 Page - Holtek Semiconductor Inc

Part # HT68F003
Description  Cost-Effective Flash MCU with EEPROM
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F003 Datasheet(HTML) 98 Page - Holtek Semiconductor Inc

Back Button HT68F003 Datasheet HTML 94Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 95Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 96Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 97Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 98Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 99Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 100Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 101Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 102Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 119 page
background image
Rev. 1.41
98
April 11, 2017
Rev. 1.41
99
April 11, 2017
HT68F002/HT68F0025/HT68F003
Cost-Effective Flash MCU with EEPROM
HT68F002/HT68F0025/HT68F003
Cost-Effective Flash MCU with EEPROM
Low Voltage Detector – LVD
EachdevicehasaLowVoltageDetectorfunction,alsoknownasLVD.Thisenablesthedeviceto
monitorthepowersupplyvoltage,VDD,andprovidesawarningsignalshoulditfallbelowacertain
level.Thisfunctionmaybeespeciallyusefulinbatteryapplicationswherethesupplyvoltagewill
graduallyreduceasthebatteryages,asitallowsanearlywarningbatterylowsignaltobegenerated.
LVD Register
TheLowVoltageDetectorfunctioniscontrolledusingasingleregisterwiththenameLVDC.Three
bitsinthisregister,VLVD2~VLVD0,areusedtoselectoneofeightfixedvoltagesbelowwhicha
lowvoltageconditionwillbedetemined.AlowvoltageconditionisindicatedwhentheLVDObitis
set.IftheLVDObitislow,thisindicatesthattheVDDvoltageisabovethepresetlowvoltagevalue.
TheENLVDbitisusedtocontroltheoverallon/offfunctionofthelowvoltagedetector.Settingthe
bithighwillenablethelowvoltagedetector.Clearingthebittozerowillswitchofftheinternallow
voltagedetectorcircuits.Asthelowvoltagedetectorwillconsumeacertainamountofpower,itmay
bedesirabletoswitchoffthecircuitwhennotinuse,animportantconsiderationinpowersensitive
batterypoweredapplications.
LVDC Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
LVDO
ENLVD
—
VLVD2
VLVD1
VLVD0
R/W
—
—
R
R/W
—
R/W
R/W
R/W
POR
—
—
0
0
—
0
0
0
Bit7~6
Unimplemented,readas"0"
Bit5
LVDO:LVDdetectionoutput.
0:Noactive.
1:Lowvoltagedetected
Bit4
ENLVD:LowVoltageDetectorControl
0:Disable
1:Enable
Bit3
Unimplemented,readas"0"
Bit2~0
VLVD2 ~ VLVD0:SelectLVDVoltage
000:2.0V
001:2.2V
010:2.4V
011:2.7V
100:3.0V
101:3.3V
110:3.6V
111:4.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com