Electronic Components Datasheet Search
  English  ▼

X  

HT68F003 Datasheet(PDF) 116 Page - Holtek Semiconductor Inc

Part # HT68F003
Description  Cost-Effective Flash MCU with EEPROM
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F003 Datasheet(HTML) 116 Page - Holtek Semiconductor Inc

Back Button HT68F003 Datasheet HTML 111Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 112Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 113Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 114Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 115Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 116Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 117Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 118Page - Holtek Semiconductor Inc HT68F003 Datasheet HTML 119Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 116 / 119 page
background image
Rev. 1.41
116
April 11, 2017
Rev. 1.41
117
April 11, 2017
HT68F002/HT68F0025/HT68F003
Cost-Effective Flash MCU with EEPROM
HT68F002/HT68F0025/HT68F003
Cost-Effective Flash MCU with EEPROM
10-pin SOP (150mil) Outline Dimensions
,
.
+
/
0
=
-


)
*
+
#
$
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
—
0.236 BSC
—
B
—
0.154 BSC
—
C
0.012
—
0.018
C’
—
0.193 BSC
—
D
—
—
0.069
E
—
0.039 BSC
—
F
0.004
—
0.010
G
0.016
—
0.050
H
0.004
—
0.010
α
0°
—
8°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
—
6.00 BSC
—
B
—
3.90 BSC
—
C
0.30
—
0.45
C’
—
4.90 BSC
—
D
—
—
1.75
E
—
1.00 BSC
—
F
0.10
—
0.25
G
0.40
—
1.27
H
0.10
—
0.25
α
0°
—
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com