Electronic Components Datasheet Search
  English  ▼

X  

HT69F340 Datasheet(PDF) 52 Page - Holtek Semiconductor Inc

Part # HT69F340
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F340 Datasheet(HTML) 52 Page - Holtek Semiconductor Inc

Back Button HT69F340 Datasheet HTML 48Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 49Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 50Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 51Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 52Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 53Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 54Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 55Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 56Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 235 page
background image
Rev. 1.30
5�
�ove��e� 1�� �01�
Rev. 1.30
53
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
Special Function Register Description
MostoftheSpecialFunctionRegisterdetailswillbedescribedintherelevantfunctionalsections,
howeverseveralregistersrequireaseparatedescriptioninthissection.
Indirect Addressing Register – IAR0, IAR1, IAR2
TheIndirectAddressingRegisters,IAR0,IAR1andIAR2,althoughhavingtheirlocationsinnormal
RAMregisterspace,donotactuallyphysicallyexistasnormalregisters.Themethodofindirect
addressingforRAMdatamanipulationusestheseIndirectAddressingRegistersandMemory
Pointers,incontrasttodirectmemoryaddressing,wheretheactualmemoryaddressisspecified.
ActionsontheIAR0,IAR1andIAR2registerswillresultinnoactualreadorwriteoperationto
theseregistersbutrathertothememorylocationspecifiedbytheircorrespondingMemoryPointers,
MP0,MP1L/MP1HorMP2L/MP2H.Actingasapair,IAR0andMP0cantogetheraccessdata
onlyfromSector0whiletheIAR1registertogetherwithMP1L/MP1HregisterpairandIAR2
registertogetherwithMP2L/MP2HregisterpaircanaccessdatafromanyDataMemorysector.As
theIndirectAddressingRegistersarenotphysicallyimplemented,readingtheIndirectAddressing
Registersindirectlywillreturnaresultof“00H”andwritingtotheregistersindirectlywillresultin
nooperation.
Memory Pointers – MP0, MP1L, MP1H, MP2L, MP2H
FiveMemoryPointers,knownasMP0,MP1L,MP1H,MP2LandMP2H,areprovided.These
MemoryPointersarephysicallyimplementedintheDataMemoryandcanbemanipulatedinthe
samewayasnormalregistersprovidingaconvenientwaywithwhichtoaddressandtrackdata.
WhenanyoperationtotherelevantIndirectAddressingRegistersiscarriedout,theactualaddress
thatthemicrocontrollerisdirectedtoistheaddressspecifiedbytherelatedMemoryPointer.MP0,
togetherwithIndirectAddressingRegister,IAR0,areusedtoaccessdatafromSector0,while
MP1L/MP1HtogetherwithIAR1andMP2L/MP2HtogetherwithIAR2areusedtoaccessdata
fromalldatasectorsaccordingtothecorrespondingMP1HorMP2Hregister.DirectAddressingcan
beusedinalldatasectorsusingthecorrespondinginstructionwhichcanaddressallavailabledata
memoryspace.
ThefollowingexampleshowshowtoclearasectoroffourDataMemorylocationsalreadydefined
aslocationsadres1toadres4.
Indirect Addressing Program Example 1
data .section ‘data’
adres1 db ?
adres2 db ?
adres3 db ?
adres4 db ?
block db ?
code .section at 0 code
org 00h
start:
mov a, 04h
; setup size of block
mov block, a
mova,offsetadres1 ;AccumulatorloadedwithfirstRAMaddress
movmp0,a;setupmemorypointerwithfirstRAMaddress
loop:
clrIAR0 ;clearthedataataddressdefinedbyMP0
inc mp0
; increment memory pointer
sdz block
; check if last memory location has been cleared
jmp loop
continue:
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com