Electronic Components Datasheet Search
  English  ▼

X  

HT69F340 Datasheet(PDF) 61 Page - Holtek Semiconductor Inc

Part # HT69F340
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F340 Datasheet(HTML) 61 Page - Holtek Semiconductor Inc

Back Button HT69F340 Datasheet HTML 57Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 58Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 59Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 60Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 61Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 62Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 63Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 64Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 65Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 235 page
background image
Rev. 1.30
�0
�ove��e� 1�� �01�
Rev. 1.30
�1
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
External Crystal/Ceramic Oscillator – HXT
TheExternalCrystal/CeramicSystemOscillatorisoneofthehighfrequencyoscillatorchoices,
whichisselectedbytheFHSbitandenabledbyHXTENbit.Formostcrystaloscillator
configurations,thesimpleconnectionofacrystalacrossOSC1andOSC2willcreatethenecessary
phaseshiftandfeedbackforoscillation,withoutrequiringexternalcapacitors.However,forsome
crystaltypesandfrequencies,toensureoscillation,itmaybenecessarytoaddtwosmallvalue
capacitors,C1andC2.Usingaceramicresonatorwillusuallyrequiretwosmallvaluecapacitors,
C1andC2,tobeconnectedasshownforoscillationtooccur.ThevaluesofC1andC2shouldbe
selectedinconsultationwiththecrystalorresonatormanufacturer’sspecification.
Foroscillatorstabilityandtominimisetheeffectsofnoiseandcrosstalk,itisimportanttoensure
thatthecrystalandanyassociatedresistorsandcapacitorsalongwithinterconnectinglinesareall
locatedasclosetotheMCUaspossible.
OS C1
OS C2
Rf
To i nt er nal
ci rc ui ts
In te rn al
O sci lla to r
Ci rc ui t
C1
C2
Rp
No te :1 . Rp i s nor ma lly not r equi r ed. C 1 and C2 a re r equ ir ed.
2. A lt hough not s how n OS C1 /O SC 2 pi ns h av e a pa ra si ti c
c apac it an ce o f a r ound 7pF .
Crystal/Resonator Oscillator – HXT
Crystal Oscillator C1 and C2 Values
Crystal Frequency
C1
C2
1�MHz
0pF
0pF
1�MHz
0pF
0pF
� MHz
0pF
0pF
4 MHz
0pF
0pF
1 MHz
100pF
100pF
�ote: C1 and C� values a�e fo� guidance only.
Crystal Recommended Capacitor Values
Internal RC Oscillator – HIRC
TheinternalRCoscillatorisafullyintegratedsystemoscillatorrequiringnoexternalcomponents.
TheinternalRCoscillatorisoneofthehighfrequencyoscillatorchoices,whichisselectedby
theFHSbitandisenabledbyHIRCENbit.TheHIRCoscillatorhasthreefrequenciesof4MHz,
8MHzor12MHz,selectedbyHIRC1~HIRC0bitsinSCCregister.Devicetrimmingduringthe
manufacturingprocessandtheinclusionofinternalfrequencycompensationcircuitsareusedto
ensurethattheinfluenceofthepowersupplyvoltage,temperatureandprocessvariationsonthe
oscillationfrequencyareminimised.Asaresult,atapowersupplyof5Vandattemperatureof25°C
degrees,thefixedoscillationfrequencyoftheHIRCwillhaveatolerancewithin2%.Notethatif
thisinternalsystemclockoptionisselected,asitrequiresnoexternalpinsforitsoperation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com