Electronic Components Datasheet Search
  English  ▼

X  

HT69F340 Datasheet(PDF) 127 Page - Holtek Semiconductor Inc

Part # HT69F340
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F340 Datasheet(HTML) 127 Page - Holtek Semiconductor Inc

Back Button HT69F340 Datasheet HTML 123Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 124Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 125Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 126Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 127Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 128Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 129Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 130Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 131Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 235 page
background image
Rev. 1.30
1��
�ove��e� 1�� �01�
Rev. 1.30
1�7
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
CCRP
CCRA
Counte�
Value
Counte� Clea�ed �y CCRP
CCRA Int.
Flag STMAF
CCRP Int.
Flag STMPF
STM O/P Pin
(STOC=1)
STO�
PWM Duty Cycle
set �y CCRA
PWM Pe�iod
set �y CCRP
Counte� Stop If
STO� �it low
Counte� �eset when
STO� �etu�ns high
PWM �esu�es
ope�ation
Output cont�olled �y
Othe� pin-sha�ed function
Ti�e
STDPX=0;STM[1:0]=10
STPOL
Output Inve�ts
When STPOL = 1
STPAU
Resu�e
Pause
STM O/P Pin
(STOC=0)
PWM Mode – STDPX=0
Note:1.HereSTDPX=0-CounterclearedbyCCRP
2.AcounterclearsetsPWMPeriod
3.TheinternalPWMfunctioncontinuesrunningevenwhenSTIO[1:0]=00or01
4.TheSTCCLRbithasnoinfluenceonPWMoperation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com