Electronic Components Datasheet Search
  English  ▼

X  

HT69F340 Datasheet(PDF) 164 Page - Holtek Semiconductor Inc

Part # HT69F340
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F340 Datasheet(HTML) 164 Page - Holtek Semiconductor Inc

Back Button HT69F340 Datasheet HTML 160Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 161Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 162Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 163Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 164Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 165Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 166Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 167Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 168Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 235 page
background image
Rev. 1.30
1�4
�ove��e� 1�� �01�
Rev. 1.30
1�5
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
UART Data Transfer Scheme
TheblockdiagramshowstheoveralldatatransferstructurearrangementfortheUART.Theactual
datatobetransmittedfromtheMCUisfirsttransferredtotheTXRregisterbytheapplication
program.ThedatawillthenbetransferredtotheTransmitShiftRegisterfromwhereitwillbe
shiftedout,LSBfirst,ontotheTXpinataratecontrolledbytheBaudRateGenerator.Onlythe
TXRregisterismappedontotheMCUDataMemory,theTransmitShiftRegisterisnotmappedand
isthereforeinaccessibletotheapplicationprogram.
DatatobereceivedbytheUARTisacceptedontheexternalRXpin,fromwhereitisshiftedin,
LSBfirst,totheReceiverShiftRegisterataratecontrolledbytheBaudRateGenerator.When
theshiftregisterisfull,thedatawillthenbetransferredfromtheshiftregistertotheinternalRXR
register,whereitisbufferedandcanbemanipulatedbytheapplicationprogram.OnlytheRXR
registerismappedontotheMCUDataMemory,theReceiverShiftRegisterisnotmappedandis
thereforeinaccessibletotheapplicationprogram.
Itshouldbenotedthattheactualregisterfordatatransmissionandreception,althoughreferredto
inthetext,andinapplicationprograms,asseparateTXRandRXRregisters,onlyexistsasasingle
sharedregisterintheDataMemory.ThissharedregisterknownastheTXR/RXRregisterisusedfor
bothdatatransmissionanddatareception.
MSB
LSB
…………………………
T�ans�itte� Shift Registe�
MSB
LSB
…………………………
Receive� Shift Registe�
TX Pin
RX Pin
Baud Rate
Gene�ato�
TXR Registe�
Buffe�
MCU Data Bus
RXR Registe�
CLK
CLK
UART Data Transfer Scheme
UART Status and Control Registers
TherearefivecontrolregistersassociatedwiththeUARTfunction.TheUSR,UCR1andUCR2
registerscontroltheoverallfunctionoftheUART,whiletheBRGregistercontrolstheBaudrate.
TheactualdatatobetransmittedandreceivedontheserialinterfaceismanagedthroughtheTXR/
RXRdataregisters.
Register
Name
Bit
7
6
5
4
3
2
1
0
USR
PERR
�F
FERR
OERR
RIDLE
RXIF
TIDLE
TXIF
UCR1
UARTE�
B�O
PRE�
PRT
STOPS
TXBRK
RX�
TX�
UCR�
TXE�
RXE�
BRGH
ADDE�
WAKE
RIE
TIIE
TEIE
TXR/RXR
D7
D�
D5
D4
D3
D�
D1
D0
BRG
D7
D�
D5
D4
D3
D�
D1
D0
UART Register Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com