Electronic Components Datasheet Search
  English  ▼

X  

HT69F340 Datasheet(PDF) 171 Page - Holtek Semiconductor Inc

Part # HT69F340
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F340 Datasheet(HTML) 171 Page - Holtek Semiconductor Inc

Back Button HT69F340 Datasheet HTML 167Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 168Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 169Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 170Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 171Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 172Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 173Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 174Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 175Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 235 page
background image
Rev. 1.30
170
�ove��e� 1�� �01�
Rev. 1.30
171
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
Calculating the register and error values
Foraclockfrequencyof4MHz,andwithBRGHsetto“0”determinetheBRGregistervalueN,the
actualbaudrateandtheerrorvalueforadesiredbaudrateof4800.
FromtheabovetablethedesiredbaudrateBR=fSYS/[64(N+1)]
Re-arrangingthisequationgivesN=[fSYS/(BR×64)]-1
GivingavalueforN=[4000000/(4800×64)]-1=12.0208
Toobtaintheclosestvalue,adecimalvalueof12shouldbeplacedintotheBRGregister.Thisgives
anactualorcalculatedbaudratevalueofBR=4000000/[64×(12+1)]=4808
Thereforetheerrorisequalto(4808-4800)/4800=0.16%
ThefollowingtablesshowactualvaluesofbaudrateanderrorvaluesforthetwovaluesofBRGH.
Baud Rate
K/BPS
Baud Rates for BRGH=0
fSYS=16 MHz
BRG
Kbaud
Error (%)
0.3
—
—
—
1.�
�07
1.�0�
0.1�
�.4
103
�.404
0.1�
4.�
51
4.�0�
0.1�
9.�
�5
9.�15
0.1�
19.�
1�
19.�31
0.1�
3�.4
�
35.714
-�.99
57.�
3
��.5
�.51
115.�
1
1�5
�.51
�50
0
�50
0
Baud Rates and Error Values for BRGH=0
Baud Rate
K/BPS
Baud Rates for BRGH=1
fSYS=16 MHz
BRG
Kbaud
Error (%)
0.3
—
—
—
1.�
—
—
—
�.4
—
—
—
4.�
�07
4.�0�
0.1�
9.�
103
9.�15
0.1�
19.�
51
19.�31
0.1�
3�.4
�5
3�.4��
0.1�
57.�
1�
5�.��4
�.1�
115.�
�
111.11
-3.55
�50
3
�50
0
Baud Rates and Error Values for BRGH=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com