Electronic Components Datasheet Search
  English  ▼

X  

HT66FB40 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT66FB40
Description  Enhanced A/D Flash Type 8-Bit MCU
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66FB40 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT66FB40 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 12Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 13Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 14Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 15Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 16Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
HT66FB30/HT66FB40/HT66FB50/HT66FB60
Rev. 1.30
13
December 12, 2012
Functional Description
As these devices packages contain multiple internal
chips, for a detailed functional description, users must
refer to the relevant individual datasheets for both the
MCU and the SPI to USB chips. The following table
shows which individual devices are inside each pack-
age.
Device
MCU
SPI to USB Chip
HT66FB30
HT66F30
HT45B0K
HT66FB40
HT66F40
HT45B0K
HT66FB50
HT66F50
HT45B0K
HT66FB60
HT66F60
HT45B0K
Multi-chip Internal Devices
Although most of the functional description material will
be located in the individual datasheets, there are some
special considerations which need to be taken into ac-
count when using multi-chip devices. These points will
be mentioned in the hardware and software consider-
ation sections
As the complexity of USB data protocol does not permit
comprehensive USB operation information to be pro-
vided in the related datasheets, the reader should there-
fore consult other external information for a detailed
USB understanding.
Multi-chip Hardware Considerations
As these single-package multi-chip devices are com-
posed of an individual MCU and SPI to USB chip, using
them together requires the user to take care of some
special points.
· Absolute Maximum Ratings
The Absolute Maximum Ratings for the two individual
chips must be checked for discrepancies and the nec-
essary care taken in device handling and usage.
· Power Supply
Examination of the block diagram will reveal that the
SPI to USB chip Ground pin, VSSU, has no internal
connection to the MCU Ground pin, VSS. For this rea-
son these two pins must be connected externally. With
the exception of the HT66FB60 device, the SPI to
USB chip power supply pin, VDDU, is internally con-
nected to the MCU power supply pin, VDD. For the
HT66FB60 device, the SPI to USB chip power supply
pin and the MCU power supply pin should be con-
nected together externally.
To calculate the power consumption for the devices,
the total operating current is the sum of the operating
current for the MCU specified in the MCU datasheet
and the operating current for the SPI to USB chip
listed in its datasheet. Similarly, the standby current is
the sum of the two individual chip standby currents.
· Power Down and Wake up
The MCU and SPI to USB chip are powered down in-
dependently of each other. The method of powering
down the MCU is covered in the relevant MCU
datasheet. The SPI to USB chip must be powered
down before the MCU is powered down.
After the device is powered down, it could be also
woken up by the SPI to USB chip interrupt except by
wake-up sources mentioned in the MCU datasheet.
When a USB interrupt occurs on the INT line, it will
wake up the MCU if the MCU has entered a power
down mode. After the MCU is woken up, the applica-
tion program must set the corresponding control bits
to make the device function normally.
· Interrupts
When a USB interrupt occurs, a low pulse will be gen-
erated on the INT line and sent to the peripheral inter-
rupt line PINT in the MCU to get the attention of the
microcontroller. When the USB interrupt caused by
one of the USB interrupt generation sources occurs, if
the corresponding interrupt control in the host MCU is
enabled and the stack is not full, the program will jump
to the corresponding interrupt vector where it can be
serviced before returning to the main program.
For a USB interrupt to be serviced, in addition to the
bits for the corresponding interrupt enable control in
the SPI to USB chip being set, the global interrupt en-
able control and the related interrupt enable control
bits in the host MCU must also be set. If these bits are
not set, then the interrupt signal will only be a wake-up
source and no interrupt will be serviced.
· Unbonded MCU pins
Examination of the relevant MCU datasheet will re-
veal that not all of the MCU I/O port lines are bonded
out to external pins. As a result special attention re-
garding initialisation procedures should be paid to
these port lines. If the pins are pin-shared with the an-
alog input pins, they will be setup as analog inputs and
the corresponding analog circuits will be disabled af-
ter a reset. When these pins are set as analog input
pins and the relevant analog circuits are disabled,
they will not consume any power even if the input pin
conditions are not kept as either high or low logic lev-
els. However, if the pins are not pin-shared with ana-
log input pins, they will be setup as input states
without pull high resistors after a reset. Users should
therefore ensure that these pins are setup in input
states with pull high resistors or in output states with
either a high or low levels to avoid additional power
consumption resulting from floating input pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com