Electronic Components Datasheet Search
  English  ▼

X  

HT66FB40 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT66FB40
Description  Enhanced A/D Flash Type 8-Bit MCU
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66FB40 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT66FB40 Datasheet HTML 17Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 18Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 19Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 20Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 21Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 22Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 23Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 24Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
44-pin LQFP (10mm
´10mm) (FP2.0mm) Outline Dimensions
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.469
¾
0.476
B
0.390
¾
0.398
C
0.469
¾
0.476
D
0.390
¾
0.398
E
¾
0.031
¾
F
¾
0.012
¾
G
0.053
¾
0.057
H
¾¾
0.063
I
¾
0.004
¾
J
0.018
¾
0.030
K
0.004
¾
0.008
a
0
°¾
7
°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
11.90
¾
12.10
B
9.90
¾
10.10
C
11.90
¾
12.10
D
9.90
¾
10.10
E
¾
0.80
¾
F
¾
0.30
¾
G
1.35
¾
1.45
H
¾¾
1.60
I
¾
0.10
¾
J
0.45
¾
0.75
K
0.10
¾
0.20
a
0
°¾
7
°
HT66FB30/HT66FB40/HT66FB50/HT66FB60
Rev. 1.30
21
December 12, 2012
3 4
1 1
1
4 4
A
B
2 2
1 2
E
F
G
H
I
J
K
a
3 3
2 3
C
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com