Electronic Components Datasheet Search
  English  ▼

X  

STM-2016 Datasheet(PDF) 3 Page - Stanford Microdevices

Part # STM-2016
Description  1800 - 2200 MHz High Linearity Silicon Germanium Active Transmit Mixer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices

STM-2016 Datasheet(HTML) 3 Page - Stanford Microdevices

  STM-2016 Datasheet HTML 1Page - Stanford Microdevices STM-2016 Datasheet HTML 2Page - Stanford Microdevices STM-2016 Datasheet HTML 3Page - Stanford Microdevices STM-2016 Datasheet HTML 4Page - Stanford Microdevices STM-2016 Datasheet HTML 5Page - Stanford Microdevices STM-2016 Datasheet HTML 6Page - Stanford Microdevices STM-2016 Datasheet HTML 7Page - Stanford Microdevices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or ommisions.
Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without
notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford Microdevices
product for use in life-support devices and/or systems.
Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved.
522 Almanor Ave., Sunnyvale, CA 94086
Phone: (800) SMI-MMIC
http://www.stanfordmicro.com
3
05/04/01 rev 1.0
Advanced Data Sheet
670  0+]7UDQVPLW 0L[HU
Typical Device Performance
Conversion Gain
VCC = 5.0V, RF = 1.96GHz, IF = 200MHz
2
4
6
8
10
12
1.8
1.9
2.0
2.1
2.2
RF Frequency (GHz)
Return Loss at LO Input
VCC = 5.0V
-35
-30
-25
-20
-15
-10
-5
0
1.6
1.7
1.8
1.9
2.0
LO Frequency (GHz)
Return Loss at IF Input
VCC = 5.0V
-50
-40
-30
-20
-10
0
50
100
150
200
250
300
IF Frequency (MHz)
Return Loss at RF Input
VCC = 5.0V
-25
-20
-15
-10
-5
0
1.8
1.9
2.0
2.1
2.2
RF Fre quency (GHz)
NOTE: The data shown in the graphs above demonstrates the STM-2016 performance tuned to the PCS band.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com