Electronic Components Datasheet Search
  English  ▼

X  

HT7465 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT7465
Description  Step-Down DC to DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7465 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT7465_14 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7465_14 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7465_14 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7465_14 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7465_14 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7465_14 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7465_14 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7465_14 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7465_14 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Rev. 1.10
5
April 18, 2014
HT7465
Functional Description
Setting the Output Voltage
The HT7465 is a step down switching DC/DC
converterdevice.Thedeviceswitchingoutput,SW,is
connectedtoastandardconverterLCfiltercircuitfor
buckconversion.Theoutputcurrentissensedusing
anexternalvoltagedividernetworkconnectedtothe
loadoutputvoltageandground,andthesensevoltage
feedbacktothedeviceontheFBpin.Bycomparing
this sense voltage with an internally generated
0.92voltagereference,suitableregulationcanbe
implementedtoachievetherequiredoutputvoltage.
By selectingsuitablevalues of externalvoltage
dividerresistors,thedesiredoutputvoltagecanbe
adjustedtotherequiredlevel.Theoutputvoltagecan
becalculatedusingthefollowingformula:
VOUT=x0.92
R1+R2
R2
whereR2istheresistordividerlowerresistorandR1
istheupperresistor.
Compensation Components
Care must be taken when selecting external
components.TheCOMPpinistheoutputofthe
erroramplifierandmustbeproperlyconnectedtoan
externalRCnetworktoensureregulatorloopstability.
Thevaluesofthecompensationcomponentsgiven
inTable1yieldastablecontrolloopfortheoutput
voltageandcapacitorgiven.
Table1CompensationValuesforTypicalOutput
Voltage/CapacitorCombinations.
VOUT
L
R3
C4
C6
C5
2.5
10/15mH 9.1K 2.2n 22mF Ceramic —
3.3
10/15mH
10K
3.9n 22mF Ceramic —
5.0
10/15mH
18K
1.5n 22mF Ceramic —
Current Limit Protection
Thedevicehasacycle-by-cyclecurrentlimitto
protecttheinternalpowerMOSFET.Iftheinductor
currentreachesthecurrentlimitthresholdof3.4A,
theMOSFEToscillatorfrequencywillbetransformed
from380kHztoashortcircuitfrequencyof240kHz
andtheoutputcurrentwillremainatitscurrentlimit
value.
Over — Temperature Protection
Athermalshutdownfunctionisimplementedto
preventdamagesduetoexcessiveheatandpower
dissipation.Typicallythethermalshutdownthreshold
temperatureis150°C.Whenthethermalshutdownis
triggeredthedevicestopsswitchingandwillrequire
apoweroninputvoltagesignal,beforeresuming
switchingoperation.
Application Information
Inductor
Theinductorisrequiredtosupplyaconstantcurrent
totheoutputloadwhilebeingdrivenbytheswitched
inputvoltage.Thechoiceofinductoraffectssteady
stateoperationaswellastransientbehaviorand
loopstability.Therearethreeimportantelectrical
parameters which need to be considered when
choosinganinductor:
• Theinductorvalue
• DCR-copperwireresistance
• Thesaturationcurrent
Inductor choice is especially important as it is
importanttoensuretheinductordoesnotsaturate
underitspeakcurrentconditions.Alsoensurethatthe
inductorhasalowDCRtominimisepowerlosses.
Input/Output Capacitor
Input Capacitor
BecausetheVINpinisconnectedtotheinternalpower
MOSFET,whenthepowerMOSFETisswitchingand
theinputcurrentisdiscontinuous,thereforeaninput
capacitorC1isrequiredtosupplytheACcurrent
tothestep-downconverterwhilemaintainingthe
DCinputvoltage.AlowESRceramiccapacitoris
requiredtokeepnoisetoaminimum.
Output Capacitor
TheoutputcapacitorisrequiredtomaintaintheDC
outputvoltage.CeramicorlowESRelectrolytic
capacitorsis the rule to choice of externalload
capacitorisalsocriticalandlowESRvaluecapacitors
mustbeusedtoensurestability.Thiscapacitormust
beconnectedveryclosetotheinductor,withshort
tracesforgoodnoiseperformance.
Schottky Diode
Theoutputdiodeconductswhentheinternalpower
MOSFETisswitchedoff.Therearethreeimportant
electricalparameterstoconsiderwhenchoosingthe
diode:
• Thediodemaximumreversevoltagevaluemust
greaterthanthemaximuminputvoltage
• Shortrecoverytime--useSchottkydiode
• Diodecurrentratingshouldbegreaterthanthe
maximumloadcurrent



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com