Electronic Components Datasheet Search
  English  ▼

X  

HT7465 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT7465
Description  Step-Down DC to DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7465 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT7465_14 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7465_14 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7465_14 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7465_14 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7465_14 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7465_14 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7465_14 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7465_14 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7465_14 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev. 1.10
1
April 18, 2014
Rev. 1.00
PB
April 18, 2014
HT7465
Step-Down DC to DC Converter
Feature
• Inputvoltagerange:4.75Vto24V
• Variableoutputvoltagerange:0.92Vto20V
• 2Aoutputcurrent
• Efficiencyupto92%
• Fixed380kHzoperatingfrequency
• 20mAshutdowncurrent
• InternalpowerMOSFETswitch
• StableoperationusinglowESRceramiccapacitors
• Overtemperatureprotection
• Cycle-by-cycleovercurrentprotection
• Undervoltagelockoutprotection
• 8-pinSOPpackage
Applications
• Batterychargers
• Distributedpowersystems
• LEDdriver
• DSLmodems
• Linearregulatorprepowerprocessing
• Set-Top-Boxes,DVDplayers,LCDdisplays
General Description
TheHT7465isa2Ahighefficiencystep-downDC-
DCconverterwhichincludesafullyintegratedMOS
powertransistor.Thedeviceusesacurrent-mode
controloperatingmethodologyandcanoperateovera
wideinputvoltagerangeof4.75Vto24Vforwhichit
canprovideastableadjustableoutputvoltage.
Thedeviceincludesovertemperatureprotection,
overcurrentprotectionandundervoltagelockout
protection,featureswhichcombinetopreventdevice
damageduetooverloadconditions.Initsshutdown
modetheregulatordrawsamere20uAofsupply
current.
Thedeviceisavailablein8-pinSOPpackagetype
andprovidesaverycompactsystemsolutionwitha
minimumofexternalcomponents.
Application Circuits
B230A
VIN
EN
GND
COMP
HT7465
BS
SW
FB
22uF
10 F
L
10nF
R2
R1
VIN
VOUT


2
2
1
R
R
R
V
V
FB
OUT
4.75~24V
C4
C1
C2
R3
C6
C5
10/15 H
Efficiency vs Output Current


Similar Part No. - HT7465_14

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7465 HOLTEK-HT7465 Datasheet
1Mb / 11P
2A Step-Down DC to DC Converter
September 02, 2011
More results

Similar Description - HT7465_14

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8001FDE SANKEN-SI-8001FDE Datasheet
357Kb / 9P
DC-to-DC Step-Down Converter
SI-8001FDL SANKEN-SI-8001FDL Datasheet
331Kb / 2P
DC-to-DC Step-Down Converter
SI-8001FFE SANKEN-SI-8001FFE Datasheet
316Kb / 9P
DC-to-DC Step-Down Converter
SI-8008HD SANKEN-SI-8008HD Datasheet
423Kb / 2P
DC-to-DC Step-Down Converter
SI-8008HFE SANKEN-SI-8008HFE Datasheet
307Kb / 2P
DC-to-DC Step-Down Converter
logo
Holtek Semiconductor In...
HT7465 HOLTEK-HT7465 Datasheet
1Mb / 11P
2A Step-Down DC to DC Converter
September 02, 2011
HT7466 HOLTEK-HT7466 Datasheet
1Mb / 9P
3A Step-Down DC to DC Converter
September 02, 2011
logo
Sanken electric
SI-8001FDE SANKEN-SI-8001FDE Datasheet
296Kb / 9P
DC-to-DC Step-Down Converter
SI-8001FFE SANKEN-SI-8001FFE Datasheet
242Kb / 9P
DC-to-DC Step-Down Converter
logo
Holtek Semiconductor In...
HT7466 HOLTEK-HT7466_14 Datasheet
1Mb / 9P
3A Step-Down DC to DC Converter
September 11, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com