Electronic Components Datasheet Search
  English  ▼

X  

TSX9291 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSX9291
Description  16 MHz rail-to-rail CMOS 16 V operational amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX9291 Datasheet(HTML) 1 Page - STMicroelectronics

  TSX9291 Datasheet HTML 1Page - STMicroelectronics TSX9291 Datasheet HTML 2Page - STMicroelectronics TSX9291 Datasheet HTML 3Page - STMicroelectronics TSX9291 Datasheet HTML 4Page - STMicroelectronics TSX9291 Datasheet HTML 5Page - STMicroelectronics TSX9291 Datasheet HTML 6Page - STMicroelectronics TSX9291 Datasheet HTML 7Page - STMicroelectronics TSX9291 Datasheet HTML 8Page - STMicroelectronics TSX9291 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
This is information on a product in full production.
April 2014
DocID024568 Rev 4
1/31
TSX9291, TSX9292
16 MHz rail-to-rail CMOS 16 V operational amplifiers
Datasheet
- production data
Features
• Rail-to-rail input and output
• Wide supply voltage: 4 V - 16 V
• Gain bandwidth product: 16 MHz typ at 16 V
• Low power consumption: 2.8 mA typ at 16 V
• Slew rate: 27 V/μs
• Stable when used in gain configuration
• Low input bias current: 10 pA typ
• High tolerance to ESD: 4 kV HBM
• Extended temperature range:
-40° C to +125° C
• Automotive qualification
Related products
• See the TSX5 series for low power features
• See the TSX6 series for micro power features
• See the TSX92 series for unity gain stability
• See the TSV9 series for lower voltage
Applications
• Communications
• Process control
• Active filtering
• Test equipment
Description
The TSX9291 and TSX9292 operational
amplifiers (op-amps) offer excellent AC
characteristics such as 16 MHz gain bandwidth,
27 V/
μs slew rate, and 0.0003 % THD+N. They
are decompensated amplifiers which are stable
when used with a gain higher than 2 or lower than
-1. The rail-to-rail input and output capability of
these devices operates on a wide supply voltage
range of 4 V to 16 V. These last two features
make the TSX929x series particularly well-
adapted for a wide range of applications such as
communications, I/V amplifiers for ADCs, and
active filtering applications.
Table 1. Device summary
Single
Dual
Op-amp version
TSX9291
TSX9292
www.st.com


Similar Part No. - TSX9291

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSX920 STMICROELECTRONICS-TSX920 Datasheet
2Mb / 32P
10 MHz rail-to-rail CMOS 16 V operational amplifiers
14-Jan-2016
TSX920ILT STMICROELECTRONICS-TSX920ILT Datasheet
2Mb / 32P
10 MHz rail-to-rail CMOS 16 V operational amplifiers
14-Jan-2016
TSX921 STMICROELECTRONICS-TSX921 Datasheet
2Mb / 32P
10 MHz rail-to-rail CMOS 16 V operational amplifiers
14-Jan-2016
TSX921 STMICROELECTRONICS-TSX921 Datasheet
658Kb / 19P
Tiny, low power, 16 V single operational amplifier for cost-optimized systems
09-Nov-2020
TSX921ILT STMICROELECTRONICS-TSX921ILT Datasheet
2Mb / 32P
10 MHz rail-to-rail CMOS 16 V operational amplifiers
14-Jan-2016
More results

Similar Description - TSX9291

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8565 AD-AD8565 Datasheet
152Kb / 12P
16 V Rail-to-Rail Operational Amplifiers
AD8661 AD-AD8661_06 Datasheet
613Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
REV. D
AD8565 AD-AD8565_06 Datasheet
346Kb / 16P
16 V Rail-to-Rail Operational Amplifiers
REV. D
AD8565 AD-AD8565_15 Datasheet
293Kb / 16P
16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8566 AD-AD8566_15 Datasheet
293Kb / 16P
16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8567 AD-AD8567_15 Datasheet
293Kb / 16P
16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8661 AD-AD8661_16 Datasheet
570Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
Rev. E
logo
STMicroelectronics
TSX711 STMICROELECTRONICS-TSX711 Datasheet
1Mb / 31P
Low-power, precision, rail-to-rail, 2.7 MHz, 16 V CMOS operational amplifiers
21-Mar-2017
TSX920 STMICROELECTRONICS-TSX920 Datasheet
2Mb / 32P
10 MHz rail-to-rail CMOS 16 V operational amplifiers
14-Jan-2016
logo
Analog Devices
AD8565 AD-AD8565_17 Datasheet
334Kb / 13P
16 V Rail-to-Rail Operational Amplifiers
10/2017-Rev. G to Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com