Electronic Components Datasheet Search
  English  ▼

X  

TSX9291 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSX9291
Description  16 MHz rail-to-rail CMOS 16 V operational amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX9291 Datasheet(HTML) 4 Page - STMicroelectronics

  TSX9291 Datasheet HTML 1Page - STMicroelectronics TSX9291 Datasheet HTML 2Page - STMicroelectronics TSX9291 Datasheet HTML 3Page - STMicroelectronics TSX9291 Datasheet HTML 4Page - STMicroelectronics TSX9291 Datasheet HTML 5Page - STMicroelectronics TSX9291 Datasheet HTML 6Page - STMicroelectronics TSX9291 Datasheet HTML 7Page - STMicroelectronics TSX9291 Datasheet HTML 8Page - STMicroelectronics TSX9291 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Absolute maximum ratings and operating conditions
TSX9291, TSX9292
4/31
DocID024568 Rev 4
2
Absolute maximum ratings and operating conditions
Table 2. Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
1. All voltage values, except the differential voltage are with respect to network ground terminal.
18
V
Vid
Differential input voltage(2)
2. The differential voltage is the non-inverting input terminal with respect to the inverting input terminal.
±VCC
mV
Vin
Input voltage
VCC- - 0.2 to VCC++ 0.2
V
Iin
Input current(3)
3. Input current must be limited by a resistor in series with the inputs.
10
mA
Tstg
Storage temperature
-65 to +150
°C
Rthja
Thermal resistance junction to ambient(4)(5)
SOT23-5
DFN8 2x2
MiniSO8
SO8
4. Short-circuits can cause excessive heating and destructive dissipation.
5. Rth are typical values.
250
57
190
125
°C/W
Tj
Maximum junction temperature
150
°C
ESD
HBM: human body model(6)
6. According to JEDEC standard JESD22-A114F
4000
V
MM: machine model(7)
7. According to JEDEC standard JESD22-A115A
100
CDM: charged device model(8)
8. According to ANSI/ESD STM5.3.1
1500
Latch-up immunity
200
mA
Table 3. Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
4 to 16
V
Vicm
Common mode input voltage range
VCC- - 0.1 to VCC+ + 0.1
Toper
Operating free air temperature range
-40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com