Electronic Components Datasheet Search
  English  ▼

X  

TPS79718 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS79718
Description  ULTRALOW-POWER SC70/SOT-323 PACKAGED 10 mA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79718 Datasheet(HTML) 4 Page - Texas Instruments

  TPS79718 Datasheet HTML 1Page - Texas Instruments TPS79718 Datasheet HTML 2Page - Texas Instruments TPS79718 Datasheet HTML 3Page - Texas Instruments TPS79718 Datasheet HTML 4Page - Texas Instruments TPS79718 Datasheet HTML 5Page - Texas Instruments TPS79718 Datasheet HTML 6Page - Texas Instruments TPS79718 Datasheet HTML 7Page - Texas Instruments TPS79718 Datasheet HTML 8Page - Texas Instruments TPS79718 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TPS79718
TPS79730
TPS79733
SLVS332B – MARCH 2001 – REVISED JUNE 2001
4
www.ti.com
functional block diagram
_
+
Delay
VIN
Current
Sense
R1
R2
VIN
GND
VOUT
PG
ILIM
Bandgap
Reference
Vref = 1.235 V
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
GND
2
Ground
NC
3
No connection
OUT
5
O
The OUT terminal provides the regulated output voltage of the device.
PG
1
O
The PG terminal for the fixed voltage option devices is an open drain, active-high output that indicates the status
of VO (output of the LDO). When VO exceeds approximately 90% of the regulated voltage, PG goes to a high
impedance state. It goes to a low-impedance state when VO falls below approximately 90% (i.e. overload condition)
of the regulated voltage. The open drain output of the PG terminal requires a pullup resistor.
IN
4
I
The IN terminal is the power supply input to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com