Electronic Components Datasheet Search
  English  ▼

X  

TPS79718 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS79718
Description  ULTRALOW-POWER SC70/SOT-323 PACKAGED 10 mA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79718 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS79718 Datasheet HTML 2Page - Texas Instruments TPS79718 Datasheet HTML 3Page - Texas Instruments TPS79718 Datasheet HTML 4Page - Texas Instruments TPS79718 Datasheet HTML 5Page - Texas Instruments TPS79718 Datasheet HTML 6Page - Texas Instruments TPS79718 Datasheet HTML 7Page - Texas Instruments TPS79718 Datasheet HTML 8Page - Texas Instruments TPS79718 Datasheet HTML 9Page - Texas Instruments TPS79718 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TPS79718
TPS79730
TPS79733
SLVS332B – MARCH 2001 – REVISED JUNE 2001
6
www.ti.com
TYPICAL CHARACTERISTICS
3.285
3.290
3.295
3.300
3.305
3.310
3.315
0
246
8
10
IO – Output Current – mA
TPS79733
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
VI = 4.3 V
Co = 1 µF
TA = 25°C
Figure 1
1.785
1.790
1.795
1.800
1.805
1.810
1.815
02
4
6
8
10
IO – Output Current – mA
TPS79718
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
VI = 2.8 V
Co = 1 µF
TA = 25°C
Figure 2
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
3.34
3.35
–40
–15
10
35
60
85
TA – Free-Air Temperature – °C
TPS79733
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
IO = 1 mA
VI = 4.3 V
Co = 1 µF
IO = 10 mA
Figure 3
1.78
1.79
1.80
1.81
1.82
–40
–15
10
35
60
85
TA – Free-Air Temperature – °C
TPS79718
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
IO = 1 mA
VI = 2.8 V
Co = 1 µF
IO = 10 mA
Figure 4
0.50
0.75
1
1.25
1.50
1.75
2
–40
–15
10
35
60
TA – Free-Air Temperature – °C
TPS79733
GROUND CURRENT
vs
FREE-AIR TEMPERATURE
85
VI = 4.3 V
VO = 3.3 V
Co = 1 µF
IO = 10 mA
Figure 5
0
2
4
6
8
10
100
1 k
10 k
100 k
IO = 10 mA
IO = 1 mA
f – Frequency – Hz
VI = 2.8 V
VO = 1.8 V
Co = 1 µF
TPS79718
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
Figure 6
f – Frequency – Hz
0
40
25
5
35
10
15
30
VI = 4.3 V
VO = 3.3 V
Co = 1 µF
TJ = 25°C
IO = 1 mA
100
1 M
10
1k
10k
100k
10 M
IO = 10 mA
20
OUTPUT IMPEDANCE
vs
FREQUENCY
Figure 7
0
20
40
60
80
100
120
140
–40 –25
–10
5
203550
65
80
TA – Free-Air Temperature – °C
VI = 3.2 V
Co = 1 µF
IO = 10 mA
IO = 1 mA
TPS79733
DROPOUT VOLTAGE
vs
FREE-AIR TEMPERATURE
Figure 8
POWER UP / POWER DOWN
VI
VO
VO = 3.3 V
RL = 330 Ω
t – Time – ms
3
030
20
10
40 50
70
60
80 90 100
1
2
0
6
4
5
7
Figure 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com