Electronic Components Datasheet Search
  English  ▼

X  

UCC28089 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28089
Description  PRIMARY-SIDE PUSH-PULL OSCILLATOR WITH DEAD-TIME CONTROL
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28089 Datasheet(HTML) 13 Page - Texas Instruments

Back Button UCC28089 Datasheet HTML 9Page - Texas Instruments UCC28089 Datasheet HTML 10Page - Texas Instruments UCC28089 Datasheet HTML 11Page - Texas Instruments UCC28089 Datasheet HTML 12Page - Texas Instruments UCC28089 Datasheet HTML 13Page - Texas Instruments UCC28089 Datasheet HTML 14Page - Texas Instruments UCC28089 Datasheet HTML 15Page - Texas Instruments UCC28089 Datasheet HTML 16Page - Texas Instruments UCC28089 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
UCC28089
SLUS623 − SEPTEMBER 2004
13
www.ti.com
TYPICAL CHARACTERISTICS
Figure 7
OSCILLATOR FREQUENCY
vs
TEMPERATURE
Tj − Temperature −
°C
−50
50
190
180
25
100
75
0
−25
185
195
210
200
205
215
220
RA = 110 kΩ
RB = 182 Ω
CT = 220 pF
Figure 8
Tj − Temperature −
°C
−50
50
125
98
94
25
100
75
0
−25
96
100
106
102
104
108
110
90
92
OSCILLATOR FREQUENCY
vs
TEMPERATURE
RA = 221 kΩ
RB = 3.32 Ω
CT = 220 pF
Figure 9
Tj − Temperature −
°C
−50
50
125
−1.0%
−2.0%
25
100
75
0
−25
−1.5%
−0.5%
1.0%
0.0%
0.5%
1.5%
2.0%
OSCILLATOR FREQUENCY SHIFT
vs
TEMPERATURE
RA = 110 kΩ
RB = 182 Ω
CT = 220 pF
RA = 221 kΩ
RB = 3.32 Ω
CT = 220 pF
VDD = 9 V
Figure 10
OSCILLATOR FREQUENCY SHIFT
vs
SUPPLY VOLTAGE
VDD − Supply Voltage − V
812
15
0.0%
−0.5%
11
14
13
10
9
0.5%
1.5%
1.0%
2.0%
RA = 110 kΩ
RB = 182 Ω
CT = 220 pF
RA = 221 kΩ
RB = 3.32 Ω
CT = 220 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com