Electronic Components Datasheet Search
  English  ▼

X  

UCC28089 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28089
Description  PRIMARY-SIDE PUSH-PULL OSCILLATOR WITH DEAD-TIME CONTROL
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28089 Datasheet(HTML) 2 Page - Texas Instruments

  UCC28089 Datasheet HTML 1Page - Texas Instruments UCC28089 Datasheet HTML 2Page - Texas Instruments UCC28089 Datasheet HTML 3Page - Texas Instruments UCC28089 Datasheet HTML 4Page - Texas Instruments UCC28089 Datasheet HTML 5Page - Texas Instruments UCC28089 Datasheet HTML 6Page - Texas Instruments UCC28089 Datasheet HTML 7Page - Texas Instruments UCC28089 Datasheet HTML 8Page - Texas Instruments UCC28089 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
UCC28089
SLUS623 − SEPTEMBER 2004
2
www.ti.com
DESCRIPTION (CONTINUED)
The UCC28089 is optimized for use as the primary-side companion controller for a cascaded converter that has
secondary-side control. The device incorporates dead-time programming. The synchronization output also
provides dead-time information. The retry and soft-start duration scales with the oscillator clock frequency for
high performance fault recovery.
The UCC28089 also provides primary side under-voltage protection (UVLO), and over-current protection. Both
the soft start and retry after fault durations scale with oscillator frequency for high performance. The turn-on/off
UVLO thresholds are 10.5 V/8.0 V.
ORDERING INFORMATION
TEMPERATURE RANGE
PACKAGED DEVICES
{
TEMPERATURE RANGE
TA = TJ
SOIC−8 (D)
SON−8 (DRB)
}
−40
°C to 105°C
UCC28089D
UCC28089DRB
† D (SOIC−8) and DRB (SON−8) packages are available taped and reeled. Add R suffix to device type (e.g. UCC28089DR or UCC28089DRBR)
to order quantities of 2,500 devices per reel (for D), and 1,000 devices per reel (for DRB).
‡ Contact factory through TI sales for the availability of this package. Target availability is October 2004.
CONNECTION DIAGRAM
1
2
3
4
8
7
6
5
SYNC
DIS
CT
CS
VDD
OUTA
OUTB
GND
D PACKAGE (SOIC−8)
(TOP VIEW)
8
7
6
5
SYNC
DIS
CT
CS
VDD
OUTA
OUTB
GND
1
2
3
4
DRB PACKAGE (SON−8)
(TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com